Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC563M64L7 Datasheet(PDF) 127 Page - STMicroelectronics

Part # SPC563M64L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L7 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button SPC563M64L7 Datasheet HTML 120Page - STMicroelectronics SPC563M64L7 Datasheet HTML 121Page - STMicroelectronics SPC563M64L7 Datasheet HTML 122Page - STMicroelectronics SPC563M64L7 Datasheet HTML 123Page - STMicroelectronics SPC563M64L7 Datasheet HTML 124Page - STMicroelectronics SPC563M64L7 Datasheet HTML 125Page - STMicroelectronics SPC563M64L7 Datasheet HTML 126Page - STMicroelectronics SPC563M64L7 Datasheet HTML 127Page - STMicroelectronics SPC563M64L7 Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 127 / 128 page
background image
DocID14642 Rev 12
127/128
SPC563M64x, SPC563M60x
Revision history
127
30-Mar-2016
12
(cont.)
Removed Section “LQFP176 pinout (SPC563M60)”
Removed Section: “LBGA208 ballmap (SPC563M64)”
In Table 4: SPC563Mx signal properties:
– removed “LQFP100” and “LBGA208” columns
– removed “VDDE7” from “Voltage/Pad Type” column
– removed row related to “CLKOUT”,“VDDE5”, and “VDDE7”
– removed note “Not available on 1 MB version of 176-pin package”
In Table 6: Signal details, updated description of “CLKOUT”
In Table 7: SPC563Mx Power/Ground Segmentation:
– removed “100-LQFP Pin Number” and “208-BGA Pin Number” columns
– removed row related to “VDDE5”
– removed “VDDE7” from “Power Segment” column
Removed Table: “Thermal characteristics for 100-pin LQFP”
Removed Table: “Thermal characteristics for 208-pin LBGA”
In Table 15: PMC electrical characteristics, removed not “The limits will be reviewed...”
In Table 23: DC electrical specifications:
– removed “IDD7” from Symbol column
– removed “VDDE7” from Conditions column
– removed note “These specifications are design target...” and “TBD: To Be Defined.”
In Table 28: PLLMRFM electrical specifications (VDDPLL =1.14 V to 1.32 V, VSS =
VSSPLL = 0 V, TA = TL to TH), removed note “All values given are initial design...”
In Table 29: Temperature sensor electrical characteristics change accuracy parameter
from +/-10 to +/- 20
In Table 31: APC, RWSC, WWSC settings vs. frequency of operation, added note
“Maximum Frequency includes FM modulation.”
In Table 34: Pad AC specifications (5.0 V), removed note “TBD: To Be Defined.”
Removed Section “LQFP100”
Removed Section “LBGA208”
Updated Figure 29: Commercial product code structure
Table 45. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com