Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EG80C3 Datasheet(PDF) 129 Page - STMicroelectronics

Part # SPC58EG80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EG80C3 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button SPC58EG80C3 Datasheet HTML 125Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 126Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 127Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 128Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 129Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 130Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 131Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 132Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 139 page
background image
DS11758 Rev 6
129/139
SPC584Gx, SPC58EGx, SPC58NGx
Revision history
138
06-Jul-2017
3
Following are the changes for this release of the document:
Updated the cover page.
Section 4.1: Introduction:
– Removed text “The IPs and...for the details”.
– Removed the two notes.
Updated the Table 2: SPC584Gx, SPC58EGx, SPC58NGx features
summary
Updated the Figure 1: Block diagram
Table 3: Parameter classifications:
Updated the description of classification tag “T”.
Section 4.2: Absolute maximum ratings:
– Added text “Exposure to absolute ... reliability”
– Added text “even momentarily”
Table 4: Absolute maximum ratings:
– For parameter “IINJ”, text “DC” removed from description.
– Updated values in conditions column.
– Added parameter TTRIN.
– For parameter “TSTG”, maximum value updated from “175” to “125”
– Added new parameter “TPAS”
– For parameter “IINJ”, description updated from “maximum...PAD” to
“maximum DC...pad”
Table 5: Operating conditions:
– For parameter “VDD_LV”, changed the classification from “D” to “P”
– Renamed the “Wait State configuration” table to “PRAM wait state
configuration”
– Footnote “1.260 V - 1.290 V range .. temperature profile” updated
to Text “... average supply value below or equal to 1.236 V ...”
– For parameter “IINJ1” description, text “DC” removed.
– Added note “In the range [1.14-1.08]V, the device....” to parameter
VDD_LV.
– Added parameter IINJ2
– Removed note “Core voltage as ....”
– Removed parameter “VRAMP_LV”.
– Updated the table footnote “Positive and negative Dynamic
current....”
Table 6: PRAM wait states configuration: Added this table.
Table 9: Device consumption:
– Updated the table and it’s values.
Table 12: I/O pull-up/pull-down electrical characteristics:
– Added note “When the device enters into standby mode... an ADC
function.”
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com