Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EG80C3 Datasheet(PDF) 133 Page - STMicroelectronics

Part # SPC58EG80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EG80C3 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button SPC58EG80C3 Datasheet HTML 129Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 130Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 131Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 132Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 133Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 134Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 135Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 136Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 139 page
background image
DS11758 Rev 6
133/139
SPC584Gx, SPC58EGx, SPC58NGx
Revision history
138
06-Jul-2017
3 (cont’)
Table 35: Linear regulator specifications:
– Classification of parameter “IDDMREG” changed from “P” to “T”.
– Classification of parameter “IDDMREG” changed from “T” to “P”.
– Added “After trimming, external regulator mode”
Table 36: Auxiliary regulator specifications:
– Classification of parameter “IDDAUX” changed from “P” to “T”.
– Classification of parameter “IDDAUX” changed from “T” to “P”.
– Added “After trimming, external regulator mode”
Table 38: Standby regulator specifications:
– Classification of parameter “IDDSBY” changed from “P” to “T”.
– Classification of parameter “IDDSBY” changed from “T” to “P”.
Table 39: Voltage monitor electrical characteristics:
–For VPOR031_C, changed the max value from 0.85 to 0.97.
–For TVMFILTER, replaced T with D.
– Min value of “VPOR200_C” updated from “1.96” to “1.80”
– Max value of “VPOR031_C” updated from “.85” “0.97”
– Changed the min value of parameter VPOR200_C from “1.96” to
“1.80”
– Changed the max value of parameter VPOR031_C from “0.85” to
“0.97”
– Changed the condition of parameter TVMFILTER from “T” to “D”
Figure 15: Voltage monitor threshold definition: Updated the figure.
Updated Table 40: Wait state configuration
Table 44: Nexus debug port timing: Classification of parameters
“tEVTIPW” and “tEVTOPW” changed from “P” to “D”.
Table 46: DSPI channel frequency support:
– Added column to show slower and faster frequencies.
Table 47: DSPI CMOS master classic timing (full duplex and output
only) MTFE = 0, CPHA = 0 or 1:
– Changed the Min value of tSCK (very strong) from 33 to 59.
Updated Section 4.16: Flash memory
Added Section 4.17.5: CAN timing
Updated Figure 53: FPBGA292 package outline
Table 70: Thermal characteristics for 144 exposed pad eTQFP
package:
Updated the values.
Table 71: Thermal characteristics for 176 exposed pad LQFP
package
and Table 72: Thermal characteristics for 292-pin FPBGA: Updated
the tables and its values.
Updated Figure 54: Ordering information scheme
Added Table 73: Code Flash options
Added Table 74: RAM options
Changed Microsoft Excel® workbook attached to this document.
For details, refer to the sheet Revision History of the attached file
“SPC584Gx_SPC58EGx_SPC58NGx_IO_Definition_v4.xlsx”.
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com