Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EG80C3 Datasheet(PDF) 134 Page - STMicroelectronics

Part # SPC58EG80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EG80C3 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button SPC58EG80C3 Datasheet HTML 130Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 131Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 132Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 133Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 134Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 135Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 136Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 137Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 139 page
background image
Revision history
SPC584Gx, SPC58EGx, SPC58NGx
134/139
DS11758 Rev 6
08-Feb-2018
4
Section 1: Introduction
Table 2: SPC584Gx, SPC58EGx, SPC58NGx features summary:
Added “Flash overlay RAM: 2x16KB”
Section 3: Package pinouts and signal descriptions
Added “pad characteristics” to heading
Section 4.1: Introduction
Reformated note from introduction
Section 4.3: Operating conditions
Replaced reference to IO_definition excel file by "the device pin out
IO definition excel file"
Table 9: Device consumption:
Updated the following parameters:
–IDD_LKG for all conditions
–IDDSTBY8 for all conditions
–IDDSTBY128 for all conditions
–IDDSTBY256 for all conditions
IDD_LV: added footnote “IDD_LKG and IDD_LV are reported as...”
Section 4.8: I/O pad specification
Replaced all references to the IO_definitions excel file by “the device
pinout IO definition excel file”.
Reformated note from introduction.
Table 16: VERY STRONG/VERY FAST I/O output characteristics
–“tTR20-80” replaced by “tTR20-8_V”
–“tTRTTL” replaced by “tTRTTL_V”
–"
ΣtTR20-80” replaced by “ΣtTR20-80_V”
Table 10: I/O pad specification descriptions: Removed latest
sentence at Standby pads description.
Table 15: STRONG/FAST I/O output characteristics: updated values
for tTR_S for condition CL = 25 pF and CL = 50 pF
Section 4.9: Reset pad (PORST, ESR0) electrical characteristics:
Table 18: Reset PAD electrical characteristics: replaced reference to
IO_definition excel file by "Refer to the device pin out IO definition
excel file".
Section 4.10: PLLs
Table 20: PLL0 electrical characteristics:
Added “fINFIN”
Changed “C” by “—” in column “C”
–|
ΔPLL0PHI0SPJ|: changed “T” by “D” and added pk-pk to Conditions
value
–|
ΔPLL0PHI1SPJ|: added pk-pk to Conditions value
Table 21: PLL1 electrical characteristics
Added “fINFIN”
Changed “C” by “—” in column “C”
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com