Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EG80C3 Datasheet(PDF) 136 Page - STMicroelectronics

Part # SPC58EG80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EG80C3 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button SPC58EG80C3 Datasheet HTML 131Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 132Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 133Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 134Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 135Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 136Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 137Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 138Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 139Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 136 / 139 page
background image
Revision history
SPC584Gx, SPC58EGx, SPC58NGx
136/139
DS11758 Rev 6
04-Feb-2019
5
Section 4.2: Absolute maximum ratings
Table 4: Absolute maximum ratings: added a cross ref to footnote
starting with “VDD_HV: allowed 5.5 V –6.0 V for 60 seconds...” to all
VDD_HV* parameters having max=6.0V. The same to VIN parameter.
Section 4.5: Electromagnetic compatibility characteristics: updated
section title from Electromagnetic emission characteristics to
Electromagnetic compatibility characteristics.
Section 4.7: Device consumption
Table 9: Device consumption:
– Changed “mA” by “µA“ for IDDSTBY128 with TJ =55 °C.
– Updated table footnote 4.
– Updated IDDSTBY8, IDDSTBY128 and IDDSTBY256 max values and “C”
column at TJ=40°.
Section 4.10: PLLs
Table 20: PLL0 electrical characteristics: the maximum value of
fPLL0PHI0 is changed from “400” to “FSYS” with a footnote.
Section 4.11: Oscillators
Table 22: External 40 MHz oscillator electrical specifications: updated
footnote 1.
Section 4.12: ADC system
Table 28: ADC-Comparator electrical specification: added “ADC
comparator mode” condition to the following two parameters:
–IADCREFH Min: - and Max: 19.5 µA
–IADCREFL Min: - and Max: 20.5 µA
Section 4.14: LFAST pad electrical characteristics
Figure 9: LFAST and MSC/DSPI LVDS timing definition: updated.
Section 4.15: Power management
Table 34: External components integration: added “2SCR574D” for
parameter QEXT.
Section 4.16: Flash memory
Table 40: Wait state configuration: changed the minimum frequency
from 40 to 55 MHz for APC=001.
Section 5.1: eLQFP176 package information: updated mechanical
drawings and mechanical data.
Section 5.2: eTQFP144 package information: updated mechanical
drawings and mechanical data.
Section 6: Ordering information
Figure 54: Ordering information scheme:
– Updated Silicon revision, Security and Custom Version option lists.
– Added figure footnotes.
Table 74: RAM options:
– Updated PRAMC_1_64K and PRAMC_2_128K start address.
– Updated PRAMC_2_120K and D-MEM CPU_2 end address.
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com