Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVL6227-PLUG Datasheet(PDF) 5 Page - STMicroelectronics

Part # EVL6227-PLUG
Description  Evaluation kit environment for L62xx family of dual brush DC and stepper motor drivers based on STM32 Nucleo
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVL6227-PLUG Datasheet(HTML) 5 Page - STMicroelectronics

  EVL6227-PLUG Datasheet HTML 1Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 2Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 3Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 4Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 5Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 6Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 7Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 8. EVL6227-PLUG
IN1B_VREFB
VREFB_CTRL_P CB
IN1B_VREFB
VREFB_CTRL_P CB
IN2B_HALFFULL
IN2A_C/CCW
VREFA_P CA
VREFB_CTRL_P CB
ENA_RS T
IN1B_VREFB
IN1A_CLOCK
OUT2B
IN2B_HALFFULL
ENB_ENABLE
S ENS EB
OUT1B
OUT2B
OUT1B
OUT2A
IN1A_CLOCK
S ENS EA
OUT1A
OUT2A
OUT1A
OUT1A
OUT2A
OUT1B
OUT2B
S ENS EA
S ENS EB
VREFA_P CA
VREFB_CTRL_P CB
IN1B_VREFB
IN2A_C/CCW
OCDB_RCB
OCDA_RCA
ENA_RS T
VREFA_P CA
OCDA_RCA
ENA_RS T
VREFA_P CA
ENB_ENABLE
VREFB_CTRL_P CB
OCDB_RCB
VS
VS
VS
R19
0R
R7 0R
J 6
FID2
FID40RD_80RD
R13 0R
R17
2.2K
J 1
BTE-020-01-F-D-A-TR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
R4
0R
R2
0R
FID3
FID40RD_80RD
R8 0R
D1
BAR43
2
1
J 10
TP 6
R18
NP
J 8
J 2
BTE-020-01-F-D-A-TR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
TP 4
C4
NP
J 7
R9 NP
U1
L6227P D
OUT2A
5
ENA
8
VREFA
9
IN1A
10
IN2A
11
SENSEA
12
RCA
13
OUT1A
15
OUT1B
22
OUT2B
32
SENSEB
25
RCB
24
IN1B
26
IN2B
27
VREFB
28
ENB
29
J 9
TP 7
C5
NP
R11 0R
R12 NP
C1
10NF
R1
0R2
R15 NP
R3
0R2
C6
NP
R10 NP
C3 220NF
R14 0R
R5 0R
R6 NP
C2
100NF
FID1
FID40RD_80RD
R16
2.2K
TP 5
J 5
Figure 9. EVL6228-PLUG
IN1B_VREFB
VREFB_CTRL_P CB
IN1B_VREFB
IN2B_HALFFULL
IN2A_C/CCW
VREFA_P CA
IN1B_VREFB
ENA_RS T
VREFB_CTRL_P CB
IN1A_CLOCK
OUT2B
IN2B_HALFFULL
ENB_ENABLE
S ENS EB
OUT1B
OUT2B
OUT1B
OUT2A
IN1A_CLOCK
S ENS EA
OUT1A
OUT2A
OUT1A
OUT1A
OUT2A
OUT1B
OUT2B
S ENS EA
S ENS EB
VREFA_P CA
VREFB_CTRL_P CB
IN1B_VREFB
IN2A_C/CCW
OCDB_RCB
OCDA_RCA
ENA_RS T
VREFA_P CA
OCDA_RCA
ENA_RS T
VREFA_P CA
ENB_ENABLE
VREFB_CTRL_P CB
OCDB_RCB
VREFB_CTRL_P CB
VS
VS
VS
C6
100NF
R15 0R
FID2
FID40RD_80RD
R12 0R
C3 220NF
R10 NP
R5 NP
FID3
FID40RD_80RD
R6 NP
C2
100NF
R16
2.2K
R14 NP
J 5
R7 0R
J 6
TP 5
R17
NP
J 1
BTE-020-01-F-D-A-TR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
R4
0R
R2
0R
U1
L6228P D
OUT2A
5
RESET
8
VREFA
9
CLOCK
10
CW/CCW
11
SENSEA
12
RCA
13
OUT1A
15
OUT1B
22
OUT2B
32
SENSEB
25
RCB
24
VREFB
26
HALF/FULL
27
CONTROL
28
EN
29
R8 0R
D1
BAR43
2
1
J 10
TP 6
R13 NP
J 8
C4
NP
R18
2.2K
C1
10NF
R19
0R
TP 7
J 2
BTE-020-01-F-D-A-TR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
TP 4
R9 0R
C5
NP
R11 0R
J 9
J 7
R1
0R2
FID1
FID40RD_80RD
R3
0R2
EVL62XX-MAIN,EVL62XX-PLUG
Schematic diagrams
DB4485 - Rev 1
page 5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com