Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L443VCU7TR Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32L443VCU7TR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443VCU7TR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32L443VCU7TR Datasheet HTML 57Page - STMicroelectronics STM32L443VCU7TR Datasheet HTML 58Page - STMicroelectronics STM32L443VCU7TR Datasheet HTML 59Page - STMicroelectronics STM32L443VCU7TR Datasheet HTML 60Page - STMicroelectronics STM32L443VCU7TR Datasheet HTML 61Page - STMicroelectronics STM32L443VCU7TR Datasheet HTML 62Page - STMicroelectronics STM32L443VCU7TR Datasheet HTML 63Page - STMicroelectronics STM32L443VCU7TR Datasheet HTML 64Page - STMicroelectronics STM32L443VCU7TR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 215 page
background image
DS11421 Rev 4
61/215
STM32L443CC STM32L443RC STM32L443VC
Pinouts and pin description
86
Table 13. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and after
reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TT
3.6 V tolerant I/O
RST
Bidirectional reset pin with embedded weak pull-up resistor
Option for TT or FT I/Os
_f (1)
I/O, Fm+ capable
_l (2)
I/O, with LCD function supplied by VLCD
_u (3)
I/O, with USB function supplied by VDDUSB
_a (4)
I/O, with Analog switch function supplied by VDDA
Notes
Unless otherwise specified by a note, all I/Os are set as analog inputs during and after reset.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
1. The related I/O structures in Table 14 are: FT_f, FT_fa, FT_fl, FT_fla.
2. The related I/O structures in Table 14 are: FT_l, FT_fl, FT_lu.
3. The related I/O structures in Table 14 are: FT_u, FT_lu.
4. The related I/O structures in Table 14 are: FT_a, FT_la, FT_fa, FT_fla, TT_a, TT_la.
Table 14. STM32L443xx pin definitions
Pin Number
Pin functions
Alternate functions
Additional
functions
-
-
-
---
1
B2
PE2
I/O
FT_l
-
TRACECK, TSC_G7_IO1,
LCD_SEG38,
SAI1_MCLK_A,
EVENTOUT
-
-
-
-
---
2
A1
PE3
I/O
FT_l
-
TRACED0, TSC_G7_IO2,
LCD_SEG39, SAI1_SD_B,
EVENTOUT
-
-
-
-
---
3
B1
PE4
I/O
FT
-
TRACED1, TSC_G7_IO3,
SAI1_FS_A, EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com