Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6586VS/NOPB.A Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH6586VS/NOPB.A
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6586VS/NOPB.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6586VS/NOPB.A Datasheet HTML 6Page - Texas Instruments LMH6586VS/NOPB.A Datasheet HTML 7Page - Texas Instruments LMH6586VS/NOPB.A Datasheet HTML 8Page - Texas Instruments LMH6586VS/NOPB.A Datasheet HTML 9Page - Texas Instruments LMH6586VS/NOPB.A Datasheet HTML 10Page - Texas Instruments LMH6586VS/NOPB.A Datasheet HTML 11Page - Texas Instruments LMH6586VS/NOPB.A Datasheet HTML 12Page - Texas Instruments LMH6586VS/NOPB.A Datasheet HTML 13Page - Texas Instruments LMH6586VS/NOPB.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10k
100k
1M
10M
100M
-23
-19
-15
-11
-7
-3
1
FREQUENCY (Hz)
AV = 1V/V
RL = 150:
10k
100k
1M
10M
100M
-12
-10
-8
-6
-4
-2
0
2
4
6
8
FREQUENCY (Hz)
AV = 2V/V
RL = 150:
10k
100k
1M
10M
100M
-6
-4
-2
0
2
4
6
8
FREQUENCY (Hz)
AV = 2V/V
RL = 150:
10k
100k
1M
10M
100M
FREQUENCY (Hz)
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
AV = 1V/V
RL = 150:
10k
100k
1M
10M
100M
-6
-4
-2
0
2
4
6
8
FREQUENCY (Hz)
AV = 2V/V
RL = 150:
10k
100k
1M
10M
100M
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
FREQUENCY (Hz)
AV = 1V/V
RL = 150:
LMH6586
SNCS105D – JULY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, TA = 25°C, VDD = 5V, REXT = 10 kΩ 1%, RL = 150Ω, CL = 12 pF. Small Signal Input Signal = 20
mVPP, Medium Signal Input Signal = 200 mVPP , Large Signal Input Signal = 750 mVPP
Small Signal Bandwidth
Small Signal Bandwidth
Figure 3.
Figure 4.
Medium Signal Bandwidth
Medium Signal Bandwidth
Figure 5.
Figure 6.
Large Signal Bandwidth
Large Signal Bandwidth
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com