Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PV3 Datasheet(PDF) 1 Page - E-SWITCH

Part # PV3
Description  PV3 Series Anti-vandal Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV3 Datasheet(HTML) 1 Page - E-SWITCH

  PV3 Datasheet HTML 1Page - E-SWITCH PV3 Datasheet HTML 2Page - E-SWITCH PV3 Datasheet HTML 3Page - E-SWITCH PV3 Datasheet HTML 4Page - E-SWITCH PV3 Datasheet HTML 5Page - E-SWITCH PV3 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.e-switch.com
800.867.2717
1
Terminal
Options
Function
Options
B - 1 Pole
On - (On)*
H - 2 Pole
On - (On)*
Rating
Options
0 - 2A,
48VDC
Actuator
Finish
Options
Contact
Material
Options
Lens
Style
Options
Lens
Color
Options
Illumination
Voltage
Options
NONE - Silver
G - Gold
NONE - Non-
Illuminated
2 - Dot
Illumination
3 - Ring
Illumination
NONE- Non-
Illuminated
0 - White
1 - Red
2 - Orange
3 - Green
4 - Blue
5 - Yellow
NONE- Non-
Illuminated
1 - Base
Voltage/
3 - 6V
4 - 12V
5 - 24V
6 - 125V
0 - Clear/
Aluminum
1 - Black
Anodized
7 - Blue
8 - Green
9 - Red
N - Nickel
B - Brushed
Stainless
S - Polished
Stainless
1 - Black
Anodized
N - Nickel
B - Brushed
Stainless
S - Polished
Stainless
Actuator
Options
RoHS
SpecificationS
part number configurator
pV3 SerieS anti-Vandal Switch
featureS & benefitS
applicationS / marketS
Specifications subject to change without notice
• 16mm diameter panel cutout
• Dot and ring illumination options
• Multiple actuator options
• Non-sealed and seal option configurable
• SPST & DPDT
Electrical Rating: 2A, 48VDC
Mechanical Life: 200,000 Cycles
Electrical Life: 50,000 Cycles
Contact Resistance: 50mΩ Max.
Insulation Resistance: 1000MΩ Max.
Operating/Storage Temperature: -20°C to 55°C
Travel: 2.80mm
Moisture Protection: IP40 (PV3,PV3S) & IP67 (PV3W,
PV3SW)
Contact Arrangement: SPST & DPDT
Actuation Force: 4 N
Panel Thickness: 1-8mm
Mounting Nut Torque: 0.6Nm
Series
Security Devices
Audio / Visual
PV3 -
Non Water-Resistant
Version: Long Body
PV3S -
Non Water-Resistant
Version: Short Body
Non-Illuminated only
PV3W -
Water-Resistant
Version: Long Body
PV3SW -
Water-Resistant
Version: Short Body
Non-Illuminated only
F - Flat
H - High
G - Guarded
Concave
2 - Solder
Body
Finish
Options
NOTES:
*( ) denotes function is momentary
Specifications subject to change without notice 1.12.2018
Kiosks
Medical Equipment
Industrial Controls
Electrical Housewares


Similar Part No. - PV3

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PV3 LAMBDA-PV3 Datasheet
128Kb / 2P
Single in-line DC-DC converter Single output 1.5W/3W
logo
E-SWITCH
PV3 E-SWITCH-PV3 Datasheet
293Kb / 1P
VANDAL AND WATER RESISTENT
logo
DENSEI-LAMBDA
PV3-12-5 LAMBDA-PV3-12-5 Datasheet
128Kb / 2P
Single in-line DC-DC converter Single output 1.5W/3W
logo
TDK Electronics
PV3-12-5 TDK-PV3-12-5 Datasheet
129Kb / 1P
DC-DC Converters
logo
DENSEI-LAMBDA
PV3-24-5 LAMBDA-PV3-24-5 Datasheet
128Kb / 2P
Single in-line DC-DC converter Single output 1.5W/3W
More results

Similar Description - PV3

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com