Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV116MF/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV116MF/NOPB
Description  LMV11x Low-Voltage, 45-MHz, Rail-To-Rail Output Operational Amplifiers With Shutdown Option
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV116MF/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV116MF/NOPB Datasheet HTML 9Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 10Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 11Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 12Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 13Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 14Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 15Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 16Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
D1
D2
D3
D4
NON-INVERTING
INPUT
INVERTING
INPUT
RS
200-400:
13
LMV116, LMV118
www.ti.com
SNOSA87C – OCTOBER 2003 – REVISED OCTOBER 2016
Product Folder Links: LMV116 LMV118
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Quasi-Saturated State
When the output swing approaches either supply rail, the output transistor enters a quasi-saturated state. A
subtle effect of this operational region is that there is an increase in supply current in this state (up to 1 mA). The
onset of quasi-saturation region is a function of output loading (current) and varies from 100 mV at no load to
about 1 V when output is delivering 20 mA, as measured from supplies. Both input common mode voltage and
output voltage level affect the supply current (see Typical Characteristics for plot).
7.4.2 Micro-Power Shutdown
The LMV118 can be shut down to save power and reduce its supply current to less than the 50 μA specified by
applying a voltage to the SD pin. The SD pin is active high and needs to be tied to V− for normal operation. This
input is low current (< 20-μA, 4-pF equivalent capacitance) and a resistor to V
− (≤ 20 kΩ) results in normal
operation. Shutdown is specified when SD pin is 0.4 V or less from V+ at any operating supply voltage and
temperature.
In the shutdown mode, essentially all internal device biasing is turned off in order to minimize supply current flow,
and the output goes into Hi-Z (high impedance) mode. Complete device turnon and turnoff times vary
considerably relative to the output loading conditions, output voltage, and input impedance, but is generally
limited to less than 1 μs (see Electrical Characteristics: 2.7 V, Electrical Characteristics: 5 V, and Electrical
Characteristics: ±5 V)
During shutdown, the input stage has an equivalent circuit as shown in Figure 20.
Figure 20. Input Stage Shutdown Equivalent Circuit
As can be seen from Figure 20, in shutdown there may be current flow through the internal diodes shown,
caused by input potential, if present. This current may flow through the external feedback resistor and result in an
apparent output signal. In most shutdown applications the presence of this output is inconsequential. However, if
the output is forced by another device such as in a multiplexer, the other device must conduct the current
described in order to maintain the output potential.
To keep the output at or near ground during shutdown when there is no other device to hold the output low, a
switch (transistor) could be used to shunt the output to ground. Figure 21 shows a circuit where a NPN bipolar is
used to keep the output near ground (approximately 80 mV):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com