Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2997M/NOPB.A Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2997M/NOPB.A
Description  LP2997 DDR-II Termination Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2997M/NOPB.A Datasheet(HTML) 5 Page - Texas Instruments

  LP2997M/NOPB.A Datasheet HTML 1Page - Texas Instruments LP2997M/NOPB.A Datasheet HTML 2Page - Texas Instruments LP2997M/NOPB.A Datasheet HTML 3Page - Texas Instruments LP2997M/NOPB.A Datasheet HTML 4Page - Texas Instruments LP2997M/NOPB.A Datasheet HTML 5Page - Texas Instruments LP2997M/NOPB.A Datasheet HTML 6Page - Texas Instruments LP2997M/NOPB.A Datasheet HTML 7Page - Texas Instruments LP2997M/NOPB.A Datasheet HTML 8Page - Texas Instruments LP2997M/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
-
+
VTT
PVIN
VDDQ
SD
GND
AVIN
VSENSE
50k
50k
+
-
VREF
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
0
150
300
450
600
750
900
1050
0
oC
25
oC
85
oC
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
LP2997
www.ti.com
SNVS295F – MAY 2004 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Maximum Sourcing Current vs AVIN
Iq vs AVIN Temperature
(VDDQ = 1.8V, PVIN = 1.8V)
Figure 10.
Figure 11.
Maximum Sinking Current vs AVIN
(VDDQ = 1.8V)
Figure 12.
Block Diagram
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com