Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFII-LC-0045 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AFII-LC-0045
Description  SMD 2450MHz High Rejection Band Pass Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFII-LC-0045 Datasheet(HTML) 2 Page - Abracon Corporation

  AFII-LC-0045 Datasheet HTML 1Page - Abracon Corporation AFII-LC-0045 Datasheet HTML 2Page - Abracon Corporation AFII-LC-0045 Datasheet HTML 3Page - Abracon Corporation AFII-LC-0045 Datasheet HTML 4Page - Abracon Corporation AFII-LC-0045 Datasheet HTML 5Page - Abracon Corporation AFII-LC-0045 Datasheet HTML 6Page - Abracon Corporation AFII-LC-0045 Datasheet HTML 7Page - Abracon Corporation AFII-LC-0045 Datasheet HTML 8Page - Abracon Corporation AFII-LC-0045 Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 11-25-24
For terms and conditions of sales, please visit:
www.abracon.com
SMD 2450MHz High Rejection Band Pass Filter
AFII-LC-0045
2.5 x 2.0 x 0.9 mm
RoHS Compliant
Request Samples
Check Inventory
Electrical Specification
Notes: (1) A matching network is unnecessary (refer to the Measurement Circuits section).
Mechanical Specification
Environmental Specification
Parameters
Minimum
Typical
Maximum
Units
Notes
Center Frequency (f0)
-
2450
-
MHz
-
Passband
2400
-
2500
MHz
-
Insertion Loss
-
1.5
2.0
dB
@25ºC
-
-
2.4
@-40ºC ~ +85ºC
VSWR
-
-
2.0
-
-
Relative Attenuation
(Reference level: 0dB)
40
44
-
dB
500 - 1000 MHz
40
44
-
1000 - 1900 MHz
30
34.5
-
2100 MHz
22
23.5
-
3500 - 4000 MHz
28
29.5
-
4000 - 4800 MHz
35
37.1
-
4800 - 5000 MHz
Source Impedance (1)
(single ended)
-
50
-
Ω
-
Load Impedance (1)
(single ended)
-
50
-
Ω
-
Power Capacity
3.0
W
Parameters
Specifications
Dimension
2.5 x 2.0 x 0.9 mm
Mounting Type
Surface Mount
Parameters
Specifications
Operating Temperature Range
-40ºC ~ +105ºC
Storage Temperature Range
-40ºC ~ +105ºC
RoHS Complaint
Yes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com