Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T82 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M41T82_V01 Datasheet HTML 36Page - STMicroelectronics M41T82_V01 Datasheet HTML 37Page - STMicroelectronics M41T82_V01 Datasheet HTML 38Page - STMicroelectronics M41T82_V01 Datasheet HTML 39Page - STMicroelectronics M41T82_V01 Datasheet HTML 40Page - STMicroelectronics M41T82_V01 Datasheet HTML 41Page - STMicroelectronics M41T82_V01 Datasheet HTML 42Page - STMicroelectronics M41T82_V01 Datasheet HTML 43Page - STMicroelectronics M41T82_V01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
Clock operation
M41T82, M41T83
40/64
DocID012578 Rev 19
3.8.2
Timer flag (TF)
At the end of a timer countdown, when the timer reloads, TF is set to logic '1.' Regardless of
the state of TF bit (or TI/TP bit), the timer will continue decrementing and reloading.
If both timer and alarm interrupts are used in the application, the source of the interrupt can
be determined by reading the flag bits. Refer to Section 3.14 for more information on the
interaction of these bits. The TF bit is cleared by reading the flags register. This will de-
assert an interrupt output due to the timer.
3.8.3
Timer interrupt enable (TIE, M41T83 only)
In normal interrupt mode (TI/TP = 0), when TF is asserted, the interrupt output is asserted (if
TIE = 1). To de-assert the interrupt, the TF bit or the TIE bit must be reset. Disabling the
interrupt by clearing the TIE bit will de-assert the output, but does not clear the TF bit. Thus,
if TIE is re-enabled prior to clearing TF, the interrupt will assert immediately.
3.8.4
Timer enable (TE)
•
TE = 0
When the timer register (10h) is set to 0, the timer is disabled.
•
TE = 1
The timer is enabled. TE is reset (disabled) on power-down. When re-enabled, the
counter will begin counting from the same value as when it was disabled.
3.8.5
TD1/0
These are the timer source clock frequency selection bits (see Table 12). These bits
determine the source clock for the countdown timer (see Table 10 on page 39). When not in
use, the TD1 and TD0 bits should be set to 11 (1/60 Hz) for power saving.
Table 12. Timer source clock frequency selection (244.1 µs to 4.25 hrs)
TD1
TD0
Timer source clock frequency (Hz)
0
0
4096 (244.1 µs)
0
1
64 (15.6 ms)
1
0
1 (1 s)
1
1
1/60 (60 s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com