Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41TC8025 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 7Page - STMicroelectronics M41TC8025 Datasheet HTML 8Page - STMicroelectronics M41TC8025 Datasheet HTML 9Page - STMicroelectronics M41TC8025 Datasheet HTML 10Page - STMicroelectronics M41TC8025 Datasheet HTML 11Page - STMicroelectronics M41TC8025 Datasheet HTML 12Page - STMicroelectronics M41TC8025 Datasheet HTML 13Page - STMicroelectronics M41TC8025 Datasheet HTML 14Page - STMicroelectronics M41TC8025 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
DocID022873 Rev 4
11/41
M41TC8025
Operation
2.2.6
READ mode
In this mode the master reads the M41TC8025 slave after setting the slave address (see
Table 3 on page 11). Following the WRITE mode control bit (R/W = 0) and the acknowledge
bit, the word address 'An' is written to the on-chip address pointer. Next the START
condition and slave address are repeated followed by the READ mode control bit (R/W = 1).
At this point the master transmitter becomes the master receiver. The data byte which was
addressed will be transmitted and the master receiver will send an acknowledge bit to the
slave transmitter. The address pointer is only incremented on reception of an acknowledge
clock. The M41TC8025 slave transmitter will now place the data byte at address An+1 on
the bus, the master receiver reads and acknowledges the new byte and the address pointer
is incremented to "An+2." (see Figure 7 on page 12).
This cycle of reading consecutive addresses will continue until the master receiver sends a
STOP condition to the slave transmitter. Once the address pointer reaches the register 0Fh,
it will roll over to 00h automatically.
Note:
The address pointer rolling over is true both in READ mode and WRITE mode.
An alternate READ mode may also be implemented whereby the master reads the
M41TC8025 slave without first writing to the (volatile) address pointer. The first address that
is read is the last one stored in the pointer (see Figure 8 on page 12).
Note:
If an undefined register address is selected by the master, the M41TC8025 address pointer
will not change. For a read command, the undefined register address will not be
acknowledged and the first address that is read is the last one stored in the pointer (the
M41TC8025 works in the alternate read mode). For a write command, the undefined
register address will not be acknowledged and the address pointer remains unchanged.
Table 3. Slave address byte
Command
Slave address
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Read (65h)
0
1
1
0
0
1
0
1
Write (64h)
0
1
1
0
0
1
0
0
MSB
LSB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com