Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T02 Datasheet(PDF) 24 Page - STMicroelectronics

Part # M48T02
Description  5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M48T02_V01 Datasheet HTML 17Page - STMicroelectronics M48T02_V01 Datasheet HTML 18Page - STMicroelectronics M48T02_V01 Datasheet HTML 19Page - STMicroelectronics M48T02_V01 Datasheet HTML 20Page - STMicroelectronics M48T02_V01 Datasheet HTML 21Page - STMicroelectronics M48T02_V01 Datasheet HTML 22Page - STMicroelectronics M48T02_V01 Datasheet HTML 23Page - STMicroelectronics M48T02_V01 Datasheet HTML 24Page - STMicroelectronics M48T02_V01 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Revision history
M48T02, M48T12
24/25
Doc ID 2410 Rev 9
9
Revision history
Table 14.
Document revision history
Date
Revision
Changes
Jul-2000
1.0
First issue
13-Jul-2000
1.1
trec change (Table 10)
07-May-2001
2.0
Reformatted; temp. / voltage info. added to tables (Table 8, 9, 3, 4, 10, 11)
14-May-2001
2.1
Note added to clock calibration section; table footnote correction (Table 2)
16-Jul-2001
2.2
Basic formatting / content changes (cover page, Table 8, 9)
20-May-2002
2.3
Add countries to disclaimer
26-Jun-2002
2.4
Add footnote to table (Table 11)
28-Mar-2003
3.0
v2.2 template applied; test conditions updated (Table 10)
31-Mar-2004
4.0
Reformatted; lead-free (Pb-free) package information update (Table 6,
13)
12-Dec-2005
5.0
Updated template, lead-free text, removed footnote (Table 9, 13)
21-Sep-2007
6
Added lead-free second level interconnect information to cover page and
Section 6: Package mechanical data.
13-Jan-2009
7
Added Section 8: Environmental information; updated text in Section 6:
Package mechanical data; minor formatting changes.
02-Aug-2010
8
Reformatted document; updated Section 4, Table 12, 13.
07-Jun-2011
9
Updated footnote 1 of Table 6: Absolute maximum ratings; updated
Section 8: Environmental information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com