Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T02-70PC1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48T02-70PC1
Description  5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02-70PC1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48T02-70PC1 Datasheet HTML 4Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 5Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 6Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 7Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 8Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 9Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 10Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 11Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Operation modes
M48T02, M48T12
8/25
Doc ID 2410 Rev 9
The state of the eight three-state data I/O signals is controlled by E and G. If the outputs are
activated before tAVQV, the data lines will be driven to an indeterminate state until tAVQV. If
the address inputs are changed while E and G remain active, output data will remain valid
for output data hold time (tAXQX) but will go indeterminate until the next address access.
Figure 4.
READ mode AC waveforms
Note:
WRITE enable (W) = High.
Table 3.
READ mode AC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.75 to 5.5 V or 4.5 to 5.5 V (except where noted).
M48T02/M48T12
Unit
–70
–150
–200
Min
Max
Min
Max
Min
Max
tAVAV
READ cycle time
70
150
200
ns
tAVQV
Address valid to output valid
70
150
200
ns
tELQV
Chip enable low to output valid
70
150
200
ns
tGLQV
Output enable low to output valid
35
75
80
ns
tELQX
Chip enable low to output transition
5
10
10
ns
tGLQX
Output enable low to output transition
5
5
5
ns
tEHQZ
Chip enable high to output Hi-Z
25
35
40
ns
tGHQZ
Output enable high to output Hi-Z
25
35
40
ns
tAXQX
Address transition to output transition
10
5
5
ns
AI01330
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A10
E
G
DQ0-DQ7
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com