Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41TC8025CMC5F Datasheet(PDF) 35 Page - STMicroelectronics

Part # M41TC8025CMC5F
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025CMC5F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M41TC8025CMC5F Datasheet HTML 31Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 32Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 33Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 34Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 35Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 36Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 37Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 38Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
DocID022873 Rev 4
35/41
M41TC8025
DC and AC parameters
Figure 22. Temperature compensation
Output voltage
logic low
VOL1
FOUT
VCC = 5 V,
IOL = 1 mA
VSS
VSS + 0.5
V
VOL2
VCC = 3 V,
IOL = 1 mA
VSS
VSS + 0.8
V
VOL3
VCC = 3 V,
IOL = 100 μA
VSS
VSS + 0.1
V
VOL4
IRQ
VCC = 5 V,
IOL = 1 mA
VSS
VSS + 0.25
V
VOL5
VCC = 3 V,
IOL = 1 mA
VSS
VSS + 0.4
V
VOL6
SDA
VCC  2 V,
IOL = 3 mA
VSS
VSS + 0.4
V
Input leakage
current
ILI
SDA, SCL, FOE pin
VIN = VCC or VSS
0.5
μA
Output
leakage
current
ILO
IRQ, SDA, FOUT pin
VIN = VCC or VSS
0.5
μA
1. Valid for ambient operating temperature: TA = -40 to +85 °C or TA = -45 to +70 °C; VCC = 1.8 V to 5.5 V (except where
noted).
2. Typical values are at VCC = 3.0 V and TA = 25 °C (except where noted).
Table 27. DC and AC characteristics (continued)
Parameter
Symbol
Condition(1)(2)
Min
Typ
Max
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com