Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41TC8025AMC7F Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41TC8025AMC7F
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025AMC7F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41TC8025AMC7F Datasheet HTML 14Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 15Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 16Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 17Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 18Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 19Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 20Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 21Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Operation
M41TC8025
18/41
DocID022873 Rev 4
The FSEL1 and FSEL0 bits in register 0Dh are for the user to select the output frequency on
the FOUT pin. The frequency options are given in Table 13.
2.6
Fixed-cycle timer interrupt
The fixed-cycle timer interrupt function generates periodic interrupts at any fixed-cycle
programmed between 244.14 μs and 4095 minutes.
When a fixed-cycle timer interrupt is generated, the IRQ pin will be pulled low if enabled (bit
TIE = 1) and the flag bit (TF) will be set to 1 to indicate the interrupt occurrence. After the
IRQ pin is pulled low, it will be automatically released (change to Hi-Z) after time tRTN so that
periodic interrupts can continue to be generated even if the user does not clear the flag bit.
The fixed-cycle timer interrupt function related registers are shown in Table 14.
Note:
All the fixed-cycle interrupt function related register bits are marked in bold.
2.6.1
Related registers
Register 0Bh and 0Ch are used to set the interrupt trigger value for the internal timer. It is in
12-bit binary format with a value of 1 (001h) to 4095 (FFFh).
The TE bit in register 0Dh is to start (TE=1) or stop and reset (TE=0) the internal timer. Once
the timer is enabled, it will count from 000h towards the interrupt trigger value. Once the
Table 12. FOUT pin output frequency selection
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0Dh
Extension register
TEST WADA USEL
TE
FSEL1 FSEL0 TSEL1 TSEL0
Table 13. FOUT frequency configuration
FSEL1
FSEL0
FOUT frequency
Comment
0
0
32,768 Hz
Default
0
1
1,024 Hz
1
0
1 Hz
1
1
32,768 Hz
Table 14. Fixed-cycle timer interrupt related register bits
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0Bh
Timer counter 0
128
64
32
16
8
4
2
1
0Ch
Timer counter 1
x
x
x
x
2048
1024
512
256
0Dh
Extension register TEST
WADA USEL
TE
FSEL1 FSEL0 TSEL1 TSEL0
0Eh
Flag register
0
0
UF
TF
AF
0
VLF
VDET
0Fh
Control register
CSEL1 CSEL0
UIE
TIE
AIE
0
0
RESET
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com