| Electronic Components Datasheet Search |
|
M48T02-200PC1 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48T02-200PC1 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 25 page ![]() Operation modes M48T02, M48T12 10/25 Doc ID 2410 Rev 9 Table 4. WRITE mode AC characteristics 2.3 Data retention mode With valid VCC applied, the M48T02/12 operates as a conventional BYTEWIDE™ static RAM. Should the supply voltage decay, the RAM will automatically power-fail deselect, write protecting itself when VCC falls within the VPFD (max), VPFD (min) window. All outputs become high impedance, and all inputs are treated as “don't care.” Note: A power failure during a WRITE cycle may corrupt data at the currently addressed location, but does not jeopardize the rest of the RAM's content. At voltages below VPFD (min), the user can be assured the memory will be in a write protected state, provided the VCC fall time is not less than tF. The M48T02/12 may respond to transient noise spikes on VCC that reach into the deselect window during the time the device is sampling VCC. Therefore, decoupling of the power supply lines is recommended. The power switching circuit connects external VCC to the RAM and disconnects the battery when VCC rises above VSO. As VCC rises, the battery voltage is checked. If the voltage is too low, an internal battery not oK (BOK) flag will be set. The BOK flag can be checked after power up. If the BOK flag is set, the first WRITE attempted will be blocked. The flag is automatically cleared after the first WRITE, and normal RAM operation resumes. Figure 7 on page 11 illustrates how a BOK check routine could be structured. For more information on a battery storage life refer to the application note AN1012. Symbol Parameter(1) 1. Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.75 to 5.5 V or 4.5 to 5.5 V (except where noted). M48T02/M48T12 Unit –70 –150 –200 Min Max Min Max Min Max tAVAV WRITE cycle time 70 150 200 ns tAVWL Address valid to WRITE enable low 0 0 0 ns tAVEL Address valid to chip enable low 0 0 0 ns tWLWH WRITE enable pulse width 50 90 120 ns tELEH Chip enable low to chip enable high 55 90 120 ns tWHAX WRITE enable high to address transition 0 10 10 ns tEHAX Chip enable high to address transition 0 10 10 ns tDVWH Input valid to WRITE enable high 30 40 60 ns tDVEH Input valid to chip enable high 30 40 60 ns tWHDX WRITE enable high to input transition 5 5 5 ns tEHDX Chip enable high to input transition 5 5 5 ns tWLQZ WRITE enable low to output Hi-Z 25 50 60 ns tAVWH Address valid to WRITE enable high 60 120 140 ns tAVEH Address valid to chip enable high 60 120 140 ns tWHQX WRITE enable high to output transition 5 10 10 ns |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |