Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDA6V1S3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA6V1S3
Description  TRANSIL ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1S3 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA6V1S3 Datasheet HTML 1Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 2Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 3Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 4Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 5Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 6Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1
10
100
10
100
1000
2000
Ppp(W)
tp(
µs)
Fig. 2 : Peak pulse power versus exponential
pulse duration (Tj initial = 25
°C).
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Ppp[Tj initial]/Pp[Tj initial=25
°C]
Tj initial(
°C)
Fig. 1 : Peak power dissipation versus initial
junction temperature.
12
5
10
10
20
50
100
C(pF)
F=1MHz
Vosc=30mV
V (V)
R
Fig. 4
: Capacitance versus reverse applied
voltage (typical values).
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32
0.1
1.0
10.0
50.0
Ipp(A)
tp=2.5
µs
V
(V)
CL
Fig. 3 : Clamping voltage versus peak pulse
current (Tj initial = 25
°C).
Rectangular waveform tp = 2.5
µs.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.01
0.10
1.00
5.00
I
(A)
FM
Tj=25
°C
V
(V)
FM
Fig. 6 : Peak forward voltage drop versus peak
forward current (typical values).
25
50
75
100
125
1
10
100
200
I [Tj] / I [Tj=25
°C]
RR
Tj(
°C)
Fig. 5 : Relative variation of leakage current versus
junction temperature (typical values).
ESDA6V1S3 / ESDA6V2S6
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com