Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5484/R3DC-AHLC/MS Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 5484/R3DC-AHLC/MS
Description  This precision optical performance oval LED is specifically designed for passenger information signs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

5484/R3DC-AHLC/MS Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  5484/R3DC-AHLC/MS Datasheet HTML 1Page - Everlight Electronics Co., Ltd 5484/R3DC-AHLC/MS Datasheet HTML 2Page - Everlight Electronics Co., Ltd 5484/R3DC-AHLC/MS Datasheet HTML 3Page - Everlight Electronics Co., Ltd 5484/R3DC-AHLC/MS Datasheet HTML 4Page - Everlight Electronics Co., Ltd 5484/R3DC-AHLC/MS Datasheet HTML 5Page - Everlight Electronics Co., Ltd 5484/R3DC-AHLC/MS Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical Data Sheet
5484/R3DC-AHLC/X/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 6 of 6
Device Number : DLE-548-027
Prepared date: 06-28-2006
Prepared by: Grace Shen
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material
change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions for using
outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting
from use of the product which does not comply with the absolute maximum ratings and the instructions
included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s consent.
4. Soldering Condition
Careful attention should be paid during soldering. When soldering, leave more then 3mm from
solder joint to case, and soldering beyond the base of the tie bar is recommended.
Avoiding applying any stress to the lead frame while the LEDs are at high temperature particularly
when soldering.
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of iron
400
Max.
℃
(30W
Max.)
Preheat temp.
100
Max.
℃
(60 sec Max.)
Soldering time
3 sec Max.
Bath temp.
265 Max.
Distance
3mm Min.(From solder
joint to case)
Bath time.
5 sec Max.
Distance
3mm Min.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com