Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5569ARTWRG4 Datasheet(PDF) 29 Page - Texas Instruments

Part # LP5569ARTWRG4
Description  LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5569ARTWRG4 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP5569ARTWRG4 Datasheet HTML 25Page - Texas Instruments LP5569ARTWRG4 Datasheet HTML 26Page - Texas Instruments LP5569ARTWRG4 Datasheet HTML 27Page - Texas Instruments LP5569ARTWRG4 Datasheet HTML 28Page - Texas Instruments LP5569ARTWRG4 Datasheet HTML 29Page - Texas Instruments LP5569ARTWRG4 Datasheet HTML 30Page - Texas Instruments LP5569ARTWRG4 Datasheet HTML 31Page - Texas Instruments LP5569ARTWRG4 Datasheet HTML 32Page - Texas Instruments LP5569ARTWRG4 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
DIMMING
CONTROL
STEP COUNT
1
2
4
3
5
6
7
8
0
STEP TIME
SPAN =
187.5 ms
TIME ELAPSED (ms)
375
750
1125
1500
140
141
142
143
144
145
146
147
148
0
RAMP
INSTRUCTION
29
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Compatible with LP5523 and LP55231
Programming ramps with variables is very similar to programming ramps with numerical operands. The only
difference is that step time and number of increments are captured from variable registers when the instruction
execution is started. If the variables are updated after starting the instruction execution, it has no effect on
instruction execution. Again, at each ramp step the output is incremented or decremented by 1 unless the step
time is 0 or the number of increments is 0. The time span for one step is defined with the prescale and step-time
bits. The step time is defined with variable A, B, C, or D. Variable A is set by an I2C write to the engine 1, 2, or 3
variable A register or the ld instruction, variables B and C are set with the ld instruction, and variable D is set by
an I2C write to the variable D register.
Setting the EXP_EN bit of registers 07h–0Fh high or low sets the exponential (1) or linear ramp (0). By using the
exponential ramp setting, the visual effect appears like a linear ramp to the human eye.
Table 9. Ramp Instructions
INST.
Bit
[15]
Bit
[14]
Bit
[13]
Bit
[12]
Bit
[11]
Bit
[10]
Bit
[9]
Bit
[8]
Bit
[7]
Bit
[6]
Bit
[5]
Bit
[4]
Bit
[3]
Bit
[2]
Bit
[1]
Bit
[0]
ramp(1)
0
pre-
scale
step time
sign
no. of increments
ramp(1)
1
0
0
0
0
1
0
0
0
0
pre-
scale
sign
step-time
variable
no.-of-
increments
variable
PARAMETER
NAME
NUMERIC OR
VARIABLE
VALUE (d)
DESCRIPTION
prescale
Numeric
0
32.7 kHz / 16
≥ 0.488 ms cycle time
1
32.7 kHz / 512
≥ 15.625 ms cycle time
sign
Numeric
0
Increase PWM output
1
Decrease PWM output
step time
Numeric
1–31
One ramp increment done is in step time × prescale.
Value in the variable A, B, C, or D must be from 1 to 31 for correct
operation.
Variable
0–3
no. of
increments
Numeric
0–255
The number of ramp cycles. Variables A to D as input.
Variable
0–3
8.5.2.4.2
Ramp Instruction Application Example
An example of generating a 1.5-s ramp from PWM value 140 (approximately 55%) to 148 (approximately 58%).
The ramp instruction uses relative values, so in this example we must ramp 8 steps up, as shown in Figure 25.
The parameters for the RAMP instruction are:
•
Positive ramp
→ sign = 0 (increase by 1)
•
Step from 140 to 148
→ no. of increments = 8
•
Ramp time 1.5 s
→ 1.5 s / 8 steps = 187.5 ms/step
•
Prescale = 1
→ 15.625 ms cycle time
•
187.5 ms / 15.625 ms = 12
→ step time = 12
Figure 25. Example of Ramp Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com