Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSF0204DRGYRG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # LSF0204DRGYRG4
Description  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204DRGYRG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LSF0204DRGYRG4 Datasheet HTML 11Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 12Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 13Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 14Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 15Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 16Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 17Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 18Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Table 10-3. Pullup Resistor Values
PULLUP RESISTOR VALUE (Ω)
VDPU
15 mA
10 mA
3 mA
NOMINAL
+10%(1)
NOMINAL
+10%(1)
NOMINAL
+10%(1)
5 V
310
341
465
512
1550
1705
3.3 V
197
217
295
325
983
1082
2.5 V
143
158
215
237
717
788
1.8 V
97
106
145
160
483
532
1.5 V
77
85
115
127
383
422
1.2 V
57
63
85
94
283
312
(1)
+10% to compensate for VDD range and resistor tolerance
10.2.1.2.2 LS Family Bandwidth
The maximum frequency of the LSF family is dependent on the application. The device may operate at speeds
of >100 MHz gave the correct conditions. The maximum frequency is dependent upon the loading of the
application. The LSF family behaves like a standard switch where the bandwidth of the device is dictated by the
on resistance and on capacitance of the device.
Figure 10-2 shows a bandwidth measurement of the LSF family using a two-port network analyzer.
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1000
Frequency (MHz)
Figure 10-2. 3-dB Bandwidth
The 3-dB point of the LSF family is ≈600 MHz; however, this measurement is an analog type of measurement.
For digital applications, the signal should not degrade up to the fifth harmonic of the digital signal. The frequency
bandwidth should be at least five times the maximum digital clock rate. This component of the signal is important
in determining the overall shape of the digital signal. In the case of the LSF family, a digital clock frequency of
greater than 100 MHz may be achieved.
The LSF family does not provide any drive capability. Therefore higher frequency applications will require higher
drive strength from the host side. No pullup resistor is needed on the host side (3.3 V) if the LSF family is being
driven by standard CMOS totem pole output driver. Best practice is to minimize the trace length from the LSF
family on the sink side (1.8 V) to minimize signal degradation.
All fast edges have an infinite spectrum of frequency components; however, there is an inflection (or knee) in the
frequency spectrum of fast edges where frequency components higher than fknee are insignificant in determining
the shape of the signal.
www.ti.com
LSF0204, LSF0204D
SLVSCP5H – JULY 2014 – REVISED APRIL 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com