Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAM-55G1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # CAM-55G1
Description  VD55G1 promodules: Camera module evaluation samples for instant integration of VD55G1 sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CAM-55G1 Datasheet(HTML) 3 Page - STMicroelectronics

  CAM-55G1 Datasheet HTML 1Page - STMicroelectronics CAM-55G1 Datasheet HTML 2Page - STMicroelectronics CAM-55G1 Datasheet HTML 3Page - STMicroelectronics CAM-55G1 Datasheet HTML 4Page - STMicroelectronics CAM-55G1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
Technical specifications
Table 2. Technical specifications
Category
Parameter
Common specifications
Image characteristics
Sensor featured
VD55G1
Resolution
0.56 MP – 804 x 704
Aspect ratio
Close to 1 : 1
Shutter type
Global shutter
Color option
Monochrome
Electrical characteristics
Connector type
FPC-to-board
Connector reference
Hirose BM28 B0.6-30DP/2-0.35V
Pinout
30 pins
Output interface
MIPI CSI-2 | 1 lane
Control interface
I²C
Output format
RAW8, RAW10
Supply voltages
2.8V – 1.2V, or 2.8 V – 1.8 V – 1.15 V
External clock frequency
6 to 27 MHz
Embedded features
Image quality optimization
Autoexposure
Automatic dark calibration
Noise reduction
Gamma correction
Defective pixel correction
Analog and digital gains
Power and data optimization
Auto wake-up
Background removal
Event-like mode
Cropping
Binning
Subsampling
Context management with up to 4
contexts
Others
Mirror/Flip
Test pattern generation
Temperature sensor
GPIOs x4
Category
Parameter
CAM-5G1-160CLR
Optical characteristics
Aperture – f/#
F/2.0
Field of view – D | H | V
160° | 105° | 120°
EFL
0.825 mm
Depth of field
40 cm -> ∞
TV distortion
< -76 %
Filter
Clear
Mechanical characteristics
Module head dimension – L x W x H
7.0 x 7.0 x 5.72 mm
Module total dimension – L x W x H
12.4 x 8.0 x 5.72 mm
Distance from connector to optical
center
7.45 mm
CAM-55G1
Technical specifications
DB5267 - Rev 1
page 3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com