Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSF0204DRUTRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # LSF0204DRUTRG4
Description  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204DRUTRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LSF0204DRUTRG4 Datasheet HTML 7Page - Texas Instruments LSF0204DRUTRG4 Datasheet HTML 8Page - Texas Instruments LSF0204DRUTRG4 Datasheet HTML 9Page - Texas Instruments LSF0204DRUTRG4 Datasheet HTML 10Page - Texas Instruments LSF0204DRUTRG4 Datasheet HTML 11Page - Texas Instruments LSF0204DRUTRG4 Datasheet HTML 12Page - Texas Instruments LSF0204DRUTRG4 Datasheet HTML 13Page - Texas Instruments LSF0204DRUTRG4 Datasheet HTML 14Page - Texas Instruments LSF0204DRUTRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
9 Detailed Description
9.1 Overview
The LSF Family may be used in level translation applications for interfacing devices or systems operating at
different interface voltages with one another. The LSF Family is ideal for use in applications where an open-drain
driver is connected to the data I/Os. LSF can achieve 100 MHz with the appropriate pull-up resistors and layout.
The LSF Family may also be used in applications where a push-pull driver is connected to the data I/Os.
9.2 Functional Block Diagram
LSF0204
Vref_A
A1
A2
A3
A4
Vref_B
EN
B1
B2
B3
B4
200 KΩ
Level Converter
www.ti.com
LSF0204, LSF0204D
SLVSCP5H – JULY 2014 – REVISED APRIL 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com