Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP38692MP-3.3/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Part # LP38692MP-3.3/NOPB
Description  LP38690, LP38692 1-A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38692MP-3.3/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP38692MP-3.3/NOPB Datasheet HTML 28Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 29Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 30Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 31Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 32Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 33Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 34Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 35Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
2X (2.15)
2X (1.3)
(4.57)
(4.38)
(1.32) TYP
(1.35) TYP
(0.26)
(R0.05) TYP
16X (1.12)
16X (1.15)
TO-252 - 2.55 mm max height
NDP0003B
TRANSISTOR OUTLINE
4219870/A 03/2018
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
7. Board assembly site may have different recommendations for stencil design.
PKG
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 8X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com