Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX-SIP-SFEU-API-1-01-TX30 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AX-SIP-SFEU-API-1-01-TX30
Description  Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox® Verified Transceiver SiP for Up-Link and Down-Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIP-SFEU-API-1-01-TX30 Datasheet(HTML) 3 Page - ON Semiconductor

  AX-SIP-SFEU-API-1-01-TX30 Datasheet HTML 1Page - ON Semiconductor AX-SIP-SFEU-API-1-01-TX30 Datasheet HTML 2Page - ON Semiconductor AX-SIP-SFEU-API-1-01-TX30 Datasheet HTML 3Page - ON Semiconductor AX-SIP-SFEU-API-1-01-TX30 Datasheet HTML 4Page - ON Semiconductor AX-SIP-SFEU-API-1-01-TX30 Datasheet HTML 5Page - ON Semiconductor AX-SIP-SFEU-API-1-01-TX30 Datasheet HTML 6Page - ON Semiconductor AX-SIP-SFEU-API-1-01-TX30 Datasheet HTML 7Page - ON Semiconductor AX-SIP-SFEU-API-1-01-TX30 Datasheet HTML 8Page - ON Semiconductor AX-SIP-SFEU-API-1-01-TX30 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AX−SIP−SFEU, AX−SIP−SFEU−API
www.onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTIONS
Symbol
Pin(s)
Type
Description
GND
1
P
Ground
GND
2
P
Ground
ANT
3
A
Single−ended 50 W antenna input/output
GND
4
P
Ground
NC
5
N
Do not connect
GND
6
P
Ground
NC
7
N
Do not connect
NC
8
N
Do not connect
NC
9
N
Do not connect
GPIO11
10
I/O/PU
General purpose IO
GPIO10
11
I/O/PU
General purpose IO
GPIO8
12
I/O/PU
General purpose IO
GPIO7
13
I/O/PU
General purpose IO, selectable SPI functionality (MISO)
GPIO6
14
I/O/PU
General purpose IO, selectable SPI functionality (MOSI)
GPIO5
15
I/O/PU
General purpose IO, selectable SPI functionality (SCK)
GPIO4
16
I/O/PU
General purpose IO, selectable SD DAC functionality, selectable clock functionality
CPU_LED
17
O
CPU activity indicator
RADIO_LED
18
O
Radio activity indicator
GPIO9
19
I/O/PU
General purpose IO, wakeup from deep sleep
UARTTX
20
O
UART transmit
UARTRX
21
I/PU
UART receive
RX_LED/
DBG_DATA
22
O
I/O
Receive activity indicator in AX−SIP−SFEU.
Debugger data line in AX−SIP−SFEU−API.
TX_LED/
DBG_CLK
23
O
I
Transmit activity indicator in AX−SIP−SFEU.
Debugger clock line in AX−SIP−SFEU−API.
NC/
DBG_EN
24
PD
PD
Do not connect in AX−SIP−SFEU.
Debugger enable line in AX−SIP−SFEU−API.
RESET_N
25
I/PU
Optional reset pin. Internal pull−up resistor is permanently enabled, nevertheless
it is recommended to connect this pin to VDD_IO if it is not used.
GND
26
P
Ground
VDD_IO
27
P
Unregulated power supply
GPIO0
28
I/O/A/PU
General purpose IO, selectable ADC functionality, selectable SD DAC functionality,
selectable clock functionality
GPIO1
29
I/O/A/PU
General purpose IO, selectable ADC functionality
GPIO2
30
I/O/A/PU
General purpose IO, selectable ADC functionality
NC
31
N
Do not connect
NC
32
N
Do not connect
GPIO3
33
I/O/A/PU
General purpose IO, selectable ADC functionality
GPIO12
34
I/O/A/PU
General purpose IO, selectable ADC functionality
GPIO13
35
I/O/A/PU
General purpose IO, selectable ADC functionality
GPIO14
36
I/O/PU
General purpose IO
NC
37
N
Do not connect
NC
38
N
Do not connect
GND
Center pads
P
Ground on 6 center pads of SIP38, must be connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com