Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MUX508IPWR Datasheet(PDF) 15 Page - Texas Instruments

Part # MUX508IPWR
Description  MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX508IPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button MUX508IPWR Datasheet HTML 11Page - Texas Instruments MUX508IPWR Datasheet HTML 12Page - Texas Instruments MUX508IPWR Datasheet HTML 13Page - Texas Instruments MUX508IPWR Datasheet HTML 14Page - Texas Instruments MUX508IPWR Datasheet HTML 15Page - Texas Instruments MUX508IPWR Datasheet HTML 16Page - Texas Instruments MUX508IPWR Datasheet HTML 17Page - Texas Instruments MUX508IPWR Datasheet HTML 18Page - Texas Instruments MUX508IPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
±25
±20
±15
±10
±5
0
5
10
15
20
25
±25
±20
±15
±10
±5
0
5
10
15
20
25
Source Current (mA)
C021
15
MUX508, MUX509
www.ti.com
SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
Figure 25. Source Current vs Drain Current
8 Parameter Measurement Information
8.1 Truth Tables
Table 1 and Table 2 show the truth tables for the MUX508 and MUX509, respectively.
(1)
X denotes don't care..
Table 1. MUX508 Truth Table
EN
A2
A1
A0
STATE
0
X(1)
X(1)
X(1)
All channels are off
1
0
0
0
Channel 1 on
1
0
0
1
Channel 2 on
1
0
1
0
Channel 3 on
1
0
1
1
Channel 4 on
1
1
0
0
Channel 5 on
1
1
0
1
Channel 6 on
1
1
1
0
Channel 7 on
1
1
1
1
Channel 8 on
(1)
X denotes don't care.
Table 2. MUX509 Truth Table
EN
A1
A0
STATE
0
X(1)
X(1)
All channels are off
1
0
0
Channels 1A and 1B on
1
0
1
Channels 2A and 2B on
1
1
0
Channels 3A and 3B on
1
1
1
Channels 4A and 4B on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com