Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPA2172IDRG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA2172IDRG4
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2172IDRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA2172IDRG4 Datasheet HTML 18Page - Texas Instruments OPA2172IDRG4 Datasheet HTML 19Page - Texas Instruments OPA2172IDRG4 Datasheet HTML 20Page - Texas Instruments OPA2172IDRG4 Datasheet HTML 21Page - Texas Instruments OPA2172IDRG4 Datasheet HTML 22Page - Texas Instruments OPA2172IDRG4 Datasheet HTML 23Page - Texas Instruments OPA2172IDRG4 Datasheet HTML 24Page - Texas Instruments OPA2172IDRG4 Datasheet HTML 25Page - Texas Instruments OPA2172IDRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
22
OPA172, OPA2172, OPA4172
SBOS618I – DECEMBER 2013 – REVISED MAY 2018
www.ti.com
Product Folder Links: OPA172 OPA2172 OPA4172
Submit Documentation Feedback
Copyright © 2013–2018, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Common-Mode Voltage Range
The input common-mode voltage range of the OPAx172 series extends 100 mV below the negative rail and
within 2 V of the top rail for normal operation.
This device can operate with full rail-to-rail input 100 mV beyond the top rail, but with reduced performance within
2 V of the top rail. The typical performance in this range is summarized in Table 3.
Table 3. Typical Performance Range (VS = ±18 V)
PARAMETER
MIN
TYP
MAX
UNIT
Input Common-Mode Voltage
(V+) – 2
(V+) + 0.1
V
Offset voltage
5
mV
Offset voltage vs temperature (TA = –40°C to +125°C)
10
µV/°C
Common-mode rejection
70
dB
Open-loop gain
60
dB
Gain bandwidth product (GBP)
4
MHz
Slew rate
4
V/µs
Noise at f = 1 kHz
22
nV/
√Hz
8.4.2 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress.
These questions tend to focus on the device inputs, but may involve the supply voltage terminals or even the
output terminal. Each of these different terminal functions have electrical stress limits determined by the voltage
breakdown characteristics of the particular semiconductor fabrication process and specific circuits connected to
the terminal. Additionally, internal electrostatic discharge (ESD) protection is built into these circuits to protect
them from accidental ESD events both before and during product assembly.
A good understanding of this basic ESD circuitry and its relevance to an electrical overstress event is helpful.
Figure 46 illustrates the ESD circuits contained in the OPAx172 (indicated by the dashed line area). The ESD
protection circuitry involves several current-steering diodes connected from the input and output terminals and
routed back to the internal power-supply lines, where the diodes meet at an absorption device internal to the
operational amplifier. This protection circuitry is intended to remain inactive during normal circuit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com