Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE512M-RHLA3:P-TR Datasheet(PDF) 26 Page - Integrated Silicon Solution, Inc

Part # IS25LE512M-RHLA3:P-TR
Description  SERIAL FLASH MEMORY 133/112MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE512M-RHLA3:P-TR Datasheet(HTML) 26 Page - Integrated Silicon Solution, Inc

Back Button IS25LE512M-RHLA3:P-TR Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LE512M-RHLA3:P-TR Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LE512M-RHLA3:P-TR Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LE512M-RHLA3:P-TR Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LE512M-RHLA3:P-TR Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LE512M-RHLA3:P-TR Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LE512M-RHLA3:P-TR Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25LE512M-RHLA3:P-TR Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LE512M-RHLA3:P-TR Datasheet HTML 30Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 189 page
background image
IS25LE512M
IS25WE512M
Integrated Silicon Solution, Inc.- www.issi.com
26
Rev. A6
06/16/2025
Table 6.4 Block assignment by Block Write Protect (BP) Bits
Status Register Bits
Block Size = 64KB, Protected Memory Area (1024Blocks)
BP3
BP2
BP1
BP0
TBS = 0, Top area
TBS = 1, Bottom area
0
0
0
0
0 ( None)
0 ( None)
0
0
0
1
1 (1 block: 1023rd)
1 (1 block: 0th)
0
0
1
0
2 (2 blocks: 1022nd and 1023rd)
2 (2 blocks: 0th and 1st)
0
0
1
1
3 (4 blocks: 1020th to 1023rd)
3 (4 blocks: 0th to 3rd)
0
1
0
0
4 (8 blocks: 1016th to 1023rd)
4 (8 blocks: 0th to 7th)
0
1
0
1
5 (16 blocks: 1008th to 1023rd)
5 (16 blocks: 0th to 15th)
0
1
1
0
6 (32 blocks: 992nd to 1023rd)
6 (32 blocks: 0th to 31st)
0
1
1
1
7 (64 blocks: 960th to 1023rd)
7 (64 blocks: 0th to 63rd)
1
0
0
0
8 (128 blocks: 896th to 1023rd)
8 (128 blocks: 0th to 127th)
1
0
0
1
9 (256 blocks: 768th to 1023rd)
9 (256 blocks: 0th to 255th)
1
0
1
0
10 (512 blocks : 512nd to 1023rd)
10 (512 blocks : 0th to 511st)
1
0
1
1
11 (768 blocks : 256th to 1023rd)
11 (768 blocks : 0th to 767th)
1
1
0
0
12 (896 blocks : 128th to 1023rd)
12 (896 blocks : 0th to 895th)
1
1
0
1
13 (960 blocks : 64th to 1023rd)
13 (960 blocks : 0th to 959th)
1
1
1
0
14 (992 blocks : 32nd to 1023rd)
14 (992 blocks : 0th to 991st)
1
1
1
1
15 (1024 blocks : 0th to 1023rd)
15 (1024 blocks : 0th to 1023rd)
Status Register Bits
Block Size = 256KB(2), Protected Memory Area (256Blocks)
BP3
BP2
BP1
BP0
TBS(T/B selection) = 0, Top area
TBS(T/B selection) = 1, Bottom area
0
0
0
0
0( None)
0( None)
0
0
0
1
1(1 block : 255th)
1(1 block : 0th)
0
0
1
0
2(2 blocks : 254th and 255th)
2(2 blocks : 0th and 1st)
0
0
1
1
3(4 blocks : 252nd to 255th)
3(4 blocks : 0th to 3rd)
0
1
0
0
4(8 blocks : 248th to 255th)
4(8 blocks : 0th to 7th)
0
1
0
1
5(16 blocks : 240th to 255th)
5(16 blocks : 0th to 15th)
0
1
1
0
6(32 blocks : 224th to 255th)
6(32 blocks : 0th to 31st)
0
1
1
1
7(64 blocks : 192nd to 255th)
7(64 blocks : 0th to 63rd)
1
0
0
0
8(128 blocks : 128th to 255th)
8(128 blocks : 0th to 127th)
1
0
0
1
9(256 blocks : 0th to 255th) All blocks
9(256 blocks : 0th to 255th) All blocks
1
0
1
x
10-11(256 blocks : 0th to 255th) All blocks
10-11(256 blocks : 0th to 255th) All blocks
1
1
x
x
12-15(256 blocks : 0th to 255th) All blocks
12-15(256 blocks : 0th to 255th) All blocks
Notes:
1.
x is don’t care
2. For Optional 256KB BP Table, see the Or
dering Information (Option “K”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com