Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8574ADGVR Datasheet(PDF) 19 Page - Texas Instruments

Part # PCF8574ADGVR
Description  PCF8574A Remote 8-Bit I/O Expander for I2C Bus
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCF8574ADGVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCF8574ADGVR Datasheet HTML 15Page - Texas Instruments PCF8574ADGVR Datasheet HTML 16Page - Texas Instruments PCF8574ADGVR Datasheet HTML 17Page - Texas Instruments PCF8574ADGVR Datasheet HTML 18Page - Texas Instruments PCF8574ADGVR Datasheet HTML 19Page - Texas Instruments PCF8574ADGVR Datasheet HTML 20Page - Texas Instruments PCF8574ADGVR Datasheet HTML 21Page - Texas Instruments PCF8574ADGVR Datasheet HTML 22Page - Texas Instruments PCF8574ADGVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
VCC
Ramp-Up
Re-Ramp-Up
Time to Re-Ramp
Time
Ramp-Down
VCC_RT
VCC_RT
VCC_FT
VCC_TRR_GND
Figure 8-6. VCC is Lowered Below 0.2 V or 0 V and Then Ramped Up to VCC
VCC
Ramp-Up
Time to Re-Ramp
Time
Ramp-Down
VIN drops below POR levels
VCC_RT
VCC_FT
VCC_TRR_VPOR50
Figure 8-7. VCC is Lowered Below the POR Threshold, Then Ramped Back Up to VCC
Table 8-1 specifies the performance of the power-on reset feature for PCF8574A for both types of power-on
reset.
Table 8-1. Recommended Supply Sequencing and Ramp Rates (1)
PARAMETER
MIN
TYP
MAX
UNIT
VCC_FT
Fall rate
See Figure 8-6
1
100
ms
VCC_RT
Rise rate
See Figure 8-6
0.01
100
ms
VCC_TRR_GND
Time to re-ramp (when VCC drops to GND)
See Figure 8-6
0.001
ms
VCC_TRR_POR50
Time to re-ramp (when VCC drops to VPOR_MIN – 50 mV)
See Figure 8-7
0.001
ms
VCC_GH
Level that VCCP can glitch down to, but not cause a functional
disruption when VCCX_GW = 1 μs
See Figure 8-8
1.2
V
VCC_GW
Glitch width that will not cause a functional disruption when
VCCX_GH = 0.5 × VCCx
See Figure 8-8
μs
VPORF
Voltage trip point of POR on falling VCC
0.99
1.28
V
VPORR
Voltage trip point of POR on fising VCC
1.190
1.410
V
(1)
TA = –40°C to 85°C (unless otherwise noted)
Glitches in the power supply can also affect the power-on reset performance of this device. The glitch width
(VCC_GW) and height (VCC_GH) are dependent on each other. The bypass capacitance, source impedance, and
device impedance are factors that affect power-on reset performance. Figure 8-8 and Table 8-1 provide more
information on how to measure these specifications.
V
CC
Time
V
CC_GH
V
CC_GW
Figure 8-8. Glitch Width and Glitch Height
www.ti.com
PCF8574A
SCPS069H – JULY 2001 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: PCF8574A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com