Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM2900C Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM2900C
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2900C Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM2900C Datasheet HTML 12Page - Texas Instruments PCM2900C Datasheet HTML 13Page - Texas Instruments PCM2900C Datasheet HTML 14Page - Texas Instruments PCM2900C Datasheet HTML 15Page - Texas Instruments PCM2900C Datasheet HTML 16Page - Texas Instruments PCM2900C Datasheet HTML 17Page - Texas Instruments PCM2900C Datasheet HTML 18Page - Texas Instruments PCM2900C Datasheet HTML 19Page - Texas Instruments PCM2900C Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
0
10
20
30
40
50
-
-
-
-
-
0
8
16
24
32
G027
Frequency (× f )
S
0.2
0
0.2
0.4
0.6
0.8
-
-
-
-
0
0.1
0.2
0.3
0.5
Frequency (× f )
S
G028
0.4
0
10
20
30
40
50
-
-
-
-
-
1
10
100
1k
10k
Frequency (kHz)
G029
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
0.01
0.1
1
10
100
Frequency (kHz)
G030
PCM2900C
PCM2902C
SBFS039
– SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS: DAC ANALOG FIR FILTER FREQUENCY RESPONSE
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fin = 1 kHz, 16-bit data, unless otherwise noted.
STOP BAND CHARACTERISTICS
PASSBAND CHARACTERISTICS
Figure 27.
Figure 28.
TYPICAL CHARACTERISTICS: DAC ANALOG LOW-PASS FILTER FREQUENCY RESPONSE
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fin = 1 kHz, 16-bit data, unless otherwise noted.
STOP BAND CHARACTERISTICS
PASSBAND CHARACTERISTICS
Figure 29.
Figure 30.
16
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com