Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM5100APWR Datasheet(PDF) 31 Page - Texas Instruments

Part # PCM5100APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5100APWR Datasheet(HTML) 31 Page - Texas Instruments

Back Button PCM5100APWR Datasheet HTML 27Page - Texas Instruments PCM5100APWR Datasheet HTML 28Page - Texas Instruments PCM5100APWR Datasheet HTML 29Page - Texas Instruments PCM5100APWR Datasheet HTML 30Page - Texas Instruments PCM5100APWR Datasheet HTML 31Page - Texas Instruments PCM5100APWR Datasheet HTML 32Page - Texas Instruments PCM5100APWR Datasheet HTML 33Page - Texas Instruments PCM5100APWR Datasheet HTML 34Page - Texas Instruments PCM5100APWR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
0.9 * DVDD
0.1 * DVDD
2.0 V
1.2 V
XSMT
tf
Digital Attenuation Followed by Analog Mute
Analog Mute
System
VDD
XSMT
7.25kW
2.75kW
12V
supply
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
www.ti.com
SLAS859C – MAY 2012 – REVISED MAY 2015
External Power Sense Undervoltage Protection Mode (continued)
Figure 39. XSMT in External UVP Mode
Figure 40. XSMT Timing for Undervoltage Protection
The trigger voltage values for the soft mute and hard mute are shown in Table 13. The range of values will vary
from device to device, but typical thresholds are shown. XSMT should be set up to nominally be 3.3 V along with
DVDD, but derived from a higher system power supply rail.
Table 13. Distribution of Voltage Thresholds
MIN
TYP
MAX
Soft Mute Threshold
2.0 V
2.2 V
0.9×DVDD
Voltage
Hard Mute Threshold
0.1×DVDD
0.9 V
1.2 V
Voltage
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com