Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF6246IUDX Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM8AF6246IUDX
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6246IUDX Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM8AF6246IUDX Datasheet HTML 50Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 51Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 52Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 53Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 54Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 55Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 56Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 57Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 99 page
background image
Electrical characteristics
STM8AF6246/48/66/68
54/99
DocID14952 Rev 11
10.3.1
VCAP external capacitor
Stabilization for the main regulator is achieved connecting an external capacitor CEXT to the
VCAP pin. CEXT is specified in Table 21. Care should be taken to limit the series inductance
to less than 15 nH.
Figure 9. External capacitor CEXT
1. Legend: ESR is the equivalent series resistance and ESL is the equivalent inductance.
10.3.2
Supply current characteristics
The current consumption is measured as described in Figure 6 on page 49 and Figure 7 on
page 50.
If not explicitly stated, general conditions of temperature and voltage apply.
Table 23. Total current consumption in Run, Wait and Slow mode.
General conditions for VDD apply, TA = −40 to 150 °C
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(RUN)(1)
1. The current due to I/O utilization is not taken into account in these values.
Supply
current in
Run mode
All peripherals
clocked, code
executed from Flash
program memory,
HSE external clock
(without resonator)
fCPU = 16 MHz
7.4
14
mA
fCPU = 8 MHz
4.0
7.4(2)
2. Values not tested in production. Design guidelines only.
fCPU = 4 MHz
2.4
4.1(2)
fCPU = 2 MHz
1.5
2.5
IDD(RUN)(1)
Supply
current in
Run mode
All peripherals
clocked, code
executed from RAM
and EEPROM, HSE
external clock
(without resonator)
fCPU = 16 MHz
3.7
5.0
fCPU = 8 MHz
2.2
3.0(2)
fCPU = 4 MHz
1.4
2.0(2)
fCPU = 2 MHz
1.0
1.5
IDD(WFI)(1)
Supply
current in
Wait mode
CPU stopped, all
peripherals off, HSE
external clock
fCPU = 16 MHz
1.65
2.5
fCPU = 8 MHz
1.15
1.9(2)
fCPU = 4 MHz
0.90
1.6(2)
fCPU = 2 MHz
0.80
1.5
IDD(SLOW)(1)
Supply
current in
Slow mode
fCPU scaled down,
all peripherals off,
code executed from
RAM
Ext. clock 16 MHz
fCPU = 125 kHz
1.50
1.95
LSI internal RC
fCPU = 128 kHz
1.50
1.80(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com