Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L99LDLH32_V01 Datasheet HTML 45Page - STMicroelectronics L99LDLH32_V01 Datasheet HTML 46Page - STMicroelectronics L99LDLH32_V01 Datasheet HTML 47Page - STMicroelectronics L99LDLH32_V01 Datasheet HTML 48Page - STMicroelectronics L99LDLH32_V01 Datasheet HTML 49Page - STMicroelectronics L99LDLH32_V01 Datasheet HTML 50Page - STMicroelectronics L99LDLH32_V01 Datasheet HTML 51Page - STMicroelectronics L99LDLH32_V01 Datasheet HTML 52Page - STMicroelectronics L99LDLH32_V01 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 142 page
background image
DS12879 Rev 6
49/142
L99LDLH32
Communication interface
141
This wake-up pattern is repeated in the eight data bytes of the frame shown in Table 10. The
Responders recognize the dominant-recessive-dominant pulse in which the three individual
pulses are longer than the specified filter time. These pulses are contained in the data field.
If the frame does not contain any data, it serves as “Go-To-Sleep”-command for all
Responders in the network. If it contains at least one data byte, it acts as a wake-up pattern
for all Responders.
In conclusion:
ID = “1_000_011_1100” & DLC = 0  send-to-sleep command
ID = “1_000_011_1100” & DLC ≠ 0  wake-up pattern frame
6.5.5
Synchronization Frame
The synchronization frame must be sent by the commander after each responder reply, but
only if the addressed devices change in the next commander frame. Due to the frequency
offset between the replying Responder and the Commander some other Responders may
not be able to receive frames sent by the Commander correctly after a Responder answer.
Therefore, the frame in Figure 22 has to be sent by the Commander to ensure correct
synchronization of all Responders to the Commander. The Responders will synchronize on
this frame but drop the content because it does not contain an ID that the Responders
recognize.
Figure 22. Synchronization frame
6.6
Unicast frames
6.6.1
Unicast request frame
The Commander may request action from a particular Responder by sending a unicast
request frame, which uses the Responder ID in the CAN FD ID field preceded by “0” to
distinguish the Commander request from the Responder answer. The MSB of all CAN FD
IDs used for unicast frames in the network is “0” to distinguish between unicast and
broadcast frames.
Table 10. Wake-up pattern (WUP) frame
ID
CTRL
DLC
DATA BYTE 1
DATA BYTE 2-8
“1_000_011_1100”
“001000”
1000
1111_1110
0000_1111
Table 11. Synchronization frame
ID
CTRL
DLC
“1_010_101_0101”
“001000”
0000
„1_010_101_0101"
CTRL
CRC
ACK/EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com