Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99MC6-LF Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99MC6-LF
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6-LF Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99MC6-LF Datasheet HTML 30Page - STMicroelectronics L99MC6-LF Datasheet HTML 31Page - STMicroelectronics L99MC6-LF Datasheet HTML 32Page - STMicroelectronics L99MC6-LF Datasheet HTML 33Page - STMicroelectronics L99MC6-LF Datasheet HTML 34Page - STMicroelectronics L99MC6-LF Datasheet HTML 35Page - STMicroelectronics L99MC6-LF Datasheet HTML 36Page - STMicroelectronics L99MC6-LF Datasheet HTML 37Page - STMicroelectronics L99MC6-LF Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
SPI control and status register
L99MC6
34/32
Doc ID 16523 Rev 2
9
SPI control and status register
9.1
RAM memory map
9.2
ROM memory map (access with OC0 and OC1 set to ‘1’)
9.3
Control and status registers
Table 22.
RAM memory map
Address
Name
Access
Content
00h
CTRL 0
Read/Write
Global enable, channels 3 and 6 control register
01h
CTRL 1
Read/Write
CP, channels 2 and 5 control register
02h
CTRL 2
Read/Write
CP, channels 1 and 4 control register
03h
Unused
-
-
04h
STAT 0
Read only
Open-load / thermal status register
05h
STAT 1
Read only
Overcurrent / thermal status register
Table 23.
ROM memory map
Address
Name
Access
Content
00h
ID Header
Read only
42h (device class ASSP, 2 additional information bytes)
01h
Product ID
Read only
06H
02h
Category /
Version
Read only
18h (multi channel driver,
last 3 LSB = 0: engineering samples)
3Eh
SPI-Frame ID
Read only
01h (no burst mode, no watchdog, 16 bit frame SPI)
Table 24.
Control register 0
Adress
Access
Data Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Global enable, Channel 3&6 control
00h
R/W
EN
CH6
[2]
CH6
[1]
CH6
[0]
Bridge
3&6
CH3
[2]
CH3
[1]
CH3
[0]
Default
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com