Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T00S Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41T00S
Description  Serial real-time clock
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41T00S Datasheet HTML 5Page - STMicroelectronics M41T00S Datasheet HTML 6Page - STMicroelectronics M41T00S Datasheet HTML 7Page - STMicroelectronics M41T00S Datasheet HTML 8Page - STMicroelectronics M41T00S Datasheet HTML 9Page - STMicroelectronics M41T00S Datasheet HTML 10Page - STMicroelectronics M41T00S Datasheet HTML 11Page - STMicroelectronics M41T00S Datasheet HTML 12Page - STMicroelectronics M41T00S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
DocID10772 Rev 7
9/28
M41T00S
Operation
Figure 4. Serial bus data transfer sequence
Figure 5. Acknowledgement sequence
2.2
READ mode
In this mode the master reads the M41T00S slave after setting the slave address (see
Figure 7 on page 10
). Following the WRITE mode control bit (R/W=0) and the acknowledge
bit, the word address 'An' is written to the on-chip address pointer. Next the START
condition and slave address are repeated followed by the READ mode control bit (R/W=1).
At this point the master transmitter becomes the master receiver. The data byte which was
addressed will be transmitted and the master receiver will send an acknowledge bit to the
slave transmitter. The address pointer is only incremented on reception of an acknowledge
clock. The M41T00S slave transmitter will now place the data byte at address An+1 on the
bus, the master receiver reads and acknowledges the new byte and the address pointer is
incremented to “An+2.”
This cycle of reading consecutive addresses will continue until the master receiver sends a
STOP condition to the slave transmitter.
The system-to-user transfer of clock data will be halted whenever the address being read is
a clock address (00h to 06h). The update will resume due to a stop condition or when the
pointer increments to any non-clock address (07h).
Note:
This is true both in READ mode and WRITE mode.
AI00587
DATA
CLOCK
DATA LINE
STABLE
DATA VALID
START
CONDITION
CHANGE OF
DATA ALLOWED
STOP
CONDITION
AI00601
DATA OUTPUT
BY RECEIVER
DATA OUTPUT
BY TRANSMITTER
SCL FROM
MASTER
START
CLOCK PULSE FOR
ACKNOWLEDGEMENT
1
2
8
9
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com