Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

36-01-R3C-ARTC Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 36-01-R3C-ARTC
Description  3mm POWER LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

36-01-R3C-ARTC Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  36-01-R3C-ARTC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 36-01-R3C-ARTC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 36-01-R3C-ARTC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 36-01-R3C-ARTC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 36-01-R3C-ARTC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 36-01-R3C-ARTC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data Sheet
3mm POWER LED
36-01/R3C-ARTC
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev.1
Page: 1 of 6
Device number: DLE-306-016
Established date: 05-16-2007
Established by: Jim Lin
Features
. High Flux Output.
. UV resistant epoxy
. Low Thermal Resistance.
. Low Profile.
. Packaged in Tubes for Use with Automatic Insertion Equipme
. The product itself will remain within RoHS compliant version.
Descriptions
This revolutionary package design allows the light designer to reduce the number of LEDs
required and provide a more uniform and unique illuminated appearance than with other LED
solutions. This is possible through the efficient optical package design and high-current capabilities.
The low profile package can be easily coupled with reflectors or lenses to efficiently distribute
light and provide the desired light appearance.
Applications
. Automotive Lighting
. Electronic Signs and Signals
. Message boards
. Special Lighting application
Device Selection Guide
Chip
PART NO.
Material
Emitted Color
Lens Color
36-01/R3C-ARTC
AlGaInP
Brilliant Red
Water Clear


Similar Part No. - 36-01-R3C-ARTC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
3mm POWER LED
More results

Similar Description - 36-01-R3C-ARTC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
B4C-AKNB EVERLIGHT-B4C-AKNB Datasheet
140Kb / 7P
3mm POWER LED
R5C-ARTC EVERLIGHT-R5C-ARTC Datasheet
118Kb / 6P
3mm POWER LED
T4C-4PRB EVERLIGHT-T4C-4PRB Datasheet
150Kb / 8P
3mm POWER LED
36-01-T4C-4PRB EVERLIGHT-36-01-T4C-4PRB Datasheet
178Kb / 8P
3mm POWER LED
36-01-Y3C-ARTC EVERLIGHT-36-01-Y3C-ARTC Datasheet
563Kb / 6P
3mm POWER LED
30-01-Y5C-ARTC EVERLIGHT-30-01-Y5C-ARTC Datasheet
119Kb / 6P
3mm POWER LED
30-01-T4C-4PRB EVERLIGHT-30-01-T4C-4PRB Datasheet
150Kb / 8P
3mm POWER LED
30-01-R5C-ARTC EVERLIGHT-30-01-R5C-ARTC Datasheet
118Kb / 6P
3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
3mm POWER LED
38-01-T4C-4PRB EVERLIGHT-38-01-T4C-4PRB Datasheet
175Kb / 8P
3mm POWER LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com