Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SXESDHC2FD7VU Datasheet(PDF) 2 Page - Shunxin Technology Co., Ltd.

Part # SXESDHC2FD7VU
Description  Transient Voltage Suppressors for ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

SXESDHC2FD7VU Datasheet(HTML) 2 Page - Shunxin Technology Co., Ltd.

  SXESDHC2FD7VU Datasheet HTML 1Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VU Datasheet HTML 2Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VU Datasheet HTML 3Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VU Datasheet HTML 4Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VU Datasheet HTML 5Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electronics Parameter
Symbol
Parameter
VRWM
Peak Reverse Working Voltage
IR
Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
PPP
Peak Pulse Power
CJ
Junction Capacitance
IF
Forward Current
VF
Forward Voltage @ IF
Electrical characteristics per line@25℃( unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Peak Reverse Working Voltage
VRWM
7
V
Breakdown Voltage
VBR
It =1mA
7.4
8.2
9.0
V
Reverse Leakage Current
IR
VRWM =7V
1
μA
Clamping Voltage
VC
IPP=15A tP = 8/20μs
16.5
V
Junction Capacitance
Cj
VR=0V f = 1MHz
73
pF
Absolute maximum rating@25℃
Rating
Symbol
Value
Units
Peak Pulse Power ( tP = 8/20μS )
Ppp
230
W
Lead Soldering Temperature
TL
260 (10 sec)
℃
Operating Temperature
TJ
-55 to 125
℃
Storage Temperature
TSTG
-55 to 150
℃
Transient Voltage Suppressors for ESD Protection
SXESDHC2FD7VU
2
www.sxsemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com