Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS340UF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPS340UF
Description  40 V, 3 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340UF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPS340UF Datasheet HTML 5Page - STMicroelectronics STPS340UF Datasheet HTML 6Page - STMicroelectronics STPS340UF Datasheet HTML 7Page - STMicroelectronics STPS340UF Datasheet HTML 8Page - STMicroelectronics STPS340UF Datasheet HTML 9Page - STMicroelectronics STPS340UF Datasheet HTML 10Page - STMicroelectronics STPS340UF Datasheet HTML 11Page - STMicroelectronics STPS340UF Datasheet HTML 12Page - STMicroelectronics STPS340UF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
2.2
SMB package information
•
Epoxy meets UL94, V0
•
Lead-free package
Figure 19. SMB package outline
E1
E
D
C
L
A1
A2
b
Table 5. SMB package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.074
0.097
A2
0.05
0.20
0.001
0.008
b
1.95
2.20
0.076
0.087
c
0.15
0.40
0.005
0.016
D
3.30
3.95
0.129
0.156
E
5.10
5.60
0.200
0.221
E1
4.05
4.60
0.159
0.182
L
0.75
1.50
0.029
0.060
STPS340
SMB package information
DS0792 - Rev 13
page 9/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com