Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCF4094 Datasheet(PDF) 16 Page - STMicroelectronics

Part # HCF4094
Description  8-stage shift and store bus register with 3-stage outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4094 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button HCF4094_V01 Datasheet HTML 9Page - STMicroelectronics HCF4094_V01 Datasheet HTML 10Page - STMicroelectronics HCF4094_V01 Datasheet HTML 11Page - STMicroelectronics HCF4094_V01 Datasheet HTML 12Page - STMicroelectronics HCF4094_V01 Datasheet HTML 13Page - STMicroelectronics HCF4094_V01 Datasheet HTML 14Page - STMicroelectronics HCF4094_V01 Datasheet HTML 15Page - STMicroelectronics HCF4094_V01 Datasheet HTML 16Page - STMicroelectronics HCF4094_V01 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Ordering information
HCF4094
16/17
DocID002069 Rev 5
5
Ordering information
6
Revision history
Table 11. Order codes
Order code
Temperature range
Package
Packing
Marking
HCF4094M013TR
-55 ° C to +125 ° C
SO-16
Tape & reel
HCF4094
HCF4094YM013TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q002 or equivalent
-40 ° C to +125 ° C
SO-16
(automotive grade)(1)
HCF4094Y
Table 12. Document revision history
Date
Revision
Changes
19-Feb-2013
4
Document template and layout updated
Removed “B” from part number
Updated package names (PDIP-16 and SO-16 instead of DIP-16
and SOP-16).
Added Applications
Added Device summary table
Updated symbol names in Table 7
Added Section 5: Ordering information
06-Jan-2014
5
Removed DIP package option
Added ESD performance to Features
Updated footnote 1 of Table 1: Device summary table
Updated footnote 1 of Table 11: Order codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com