Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99ASC03 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 59Page - STMicroelectronics L99ASC03 Datasheet HTML 60Page - STMicroelectronics L99ASC03 Datasheet HTML 61Page - STMicroelectronics L99ASC03 Datasheet HTML 62Page - STMicroelectronics L99ASC03 Datasheet HTML 63Page - STMicroelectronics L99ASC03 Datasheet HTML 64Page - STMicroelectronics L99ASC03 Datasheet HTML 65Page - STMicroelectronics L99ASC03 Datasheet HTML 66Page - STMicroelectronics L99ASC03 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
DocID023504 Rev 7
63/73
L99ASC03
ST-SPI Protocol
72
After a device state transition to Active mode or Flash mode, the DEVST bits always report
the previous device state. If an SPI "Read & Clear" command is performed on these bits,
they will then report the current device state.
4.4.11
Device Status Registers 2
Device Status Registers 2
Address:
0x12
Type:
R/C
[3] WAKESPI: wake-up from SPI detected
[2] Reserved
[1:0] DEVST: device status
00: Active mode
01: VDD standby mode
10: VBAT standby mode/ POR
11: Flash mode
76
54
32
10
SPI_DI
Reserved
Reserved
Reserved
INHST
VRT2LOW
VDDUV
VDDFAIL
GSB reported
FS
Information
GW
FS
FS
Clear mode
Read & Clear
Information
Read & Clear
Read & Clear
Read & Clear
Bit Bit description
[7] SPI_DI: short circuit on SDI pin detected (all 0's or all 1's detected on SDI pin)
[6] Reserved
[5] Reserved
[4] Reserved
[3] INHST: INH pin status (0: logic LOW; 1: logic HIGH)
[2] VRT2LOW: VDD detected to be below the VRT2 threshold, in case the VRT1 reset threshold is
selected (VDD_VTH = 0).
[1] VDDUV: VDD undervoltage detected
[0] VDDFAIL: VDD FAIL detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com