Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120TR Datasheet(PDF) 64 Page - STMicroelectronics

Part # L99DZ120TR
Description  Automotive door actuator driver with embedded LIN
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120TR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L99DZ120TR Datasheet HTML 60Page - STMicroelectronics L99DZ120TR Datasheet HTML 61Page - STMicroelectronics L99DZ120TR Datasheet HTML 62Page - STMicroelectronics L99DZ120TR Datasheet HTML 63Page - STMicroelectronics L99DZ120TR Datasheet HTML 64Page - STMicroelectronics L99DZ120TR Datasheet HTML 65Page - STMicroelectronics L99DZ120TR Datasheet HTML 66Page - STMicroelectronics L99DZ120TR Datasheet HTML 67Page - STMicroelectronics L99DZ120TR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 161 page
background image
Application information
L99DZ120
64/161
DS11567 Rev 5
4.4.1
Wake up input
The WU input can be configured as wake-up source. The wake-up input is sensitive to any
level transition (positive and negative edge) and can be configured for static or cyclic
monitoring of the input voltage level.
For static contact monitoring, a filter time of tWU_STAT is implemented. The filter is started
when the input voltage passes the specified threshold VWU_THP or VWU_THN.
Cyclic contact monitoring allows periodical activation of the wake-up input to read the status
of the external contact. The periodical activation can be configured to Timer 1 or Timer 2.
The input signal is filtered with a filter time of tWU_CYC after a delay (80% of the configured
Timer on-time). A Wake-up will be processed if the status has changed versus the previous
cycle. The buffered output OUT_HS can be used to supply the external contacts with the
timer setting according to the cyclic monitoring of the wake-up input.
In standby modes, the input WU is configurable with an internal pull-up or pull-down current
source according to the setup of the external contact. In Active mode the inputs have an
internal pull down resistor (RWU_act) and the input status can be read by SPI. Static sense
should be configured before the read operation is started in order to reflect the actual input
level.
4.5
Functional overview (truth table)
Table 45. Wake-up events description
Wake up source
Description
LIN bus activity
Always enabled
Level change of WU
Can be configured or disabled by SPI
IV1 >Icmp_ris
Device remains in V1_standby mode but watchdog is enabled (If
ICMP = 0). No interrupt is generated.
Timer Interrupt / Wake up
of µC by TIMER
Programmable by SPI:
– V1_standby mode: device wakes up after programmable timer
expiration. NINT and RxDL/NINT interrupt signals are generated
– Vbat_standby mode: device wakes up after programmable timer
expiration, V1 regulator is turned on and NReset signal is generated
SPI Access
Always active (except in VBAT_STANDBY mode)
Wake up event: CSN is low and first rising edge on CLK
Table 46. Status of different functions/features vs operating modes
Function
Comments
Operating modes
Active mode
V1-standby static
mode (cyclic sense)
Vbat-standby static
mode (cyclic sense)
Voltage regulator V1
VOUT = 5 V
On
On(1)
Off
Voltage regulator V2
VOUT = 5 V
On/ Off(2)
On(2) / Off
On(2) / Off
Reset generator
On
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com