Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ300GTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # L99DZ300GTR
Description  Automotive front door device with CAN FD and LIN
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ300GTR Datasheet(HTML) 2 Page - STMicroelectronics

  L99DZ300GTR Datasheet HTML 1Page - STMicroelectronics L99DZ300GTR Datasheet HTML 2Page - STMicroelectronics L99DZ300GTR Datasheet HTML 3Page - STMicroelectronics L99DZ300GTR Datasheet HTML 4Page - STMicroelectronics L99DZ300GTR Datasheet HTML 5Page - STMicroelectronics L99DZ300GTR Datasheet HTML 6Page - STMicroelectronics L99DZ300GTR Datasheet HTML 7Page - STMicroelectronics L99DZ300GTR Datasheet HTML 8Page - STMicroelectronics L99DZ300GTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 157 page
background image
•
Digital thermal clusters
•
Device contains temperature warning and protection
•
Open-load diagnosis for all the outputs
•
Overcurrent protection for all the outputs
Description
The L99DZ300G is a door zone system IC providing electronic control modules with enhanced power
management power supply functionality, including various standby modes, as well as LIN and CAN FD physical
communication layers. The device has two low drop voltage regulators to supply the system microcontroller and
external peripheral loads such as sensors and provides enhanced system standby functionality with
programmable local and remote wake-up capability. Moreover, the 10 high-side drivers (9 to supply LEDs and 1 to
supply bulbs) increase the system integration level; all the high-side drivers support the constant current mode for
LED module with high input capacitance. Up to 5 DC motors and 4 external MOS transistors in H-bridge
configuration can be driven in PWM mode up to 25 kHz. An additional gate drive can control an external MOSFET
in high-side configuration to supply a resistive load connected to GND (for example mirror heater). An
electrochromic mirror glass can be controlled using the integrated SPI-driven module in conjunction with an
external MOS transistor. All the outputs are SC protected and implement an open-load diagnosis. The ST
standard SPI interface (4.0) allows control and diagnosis of the device and enables generic software
development.
L99DZ300G
DS13902 - Rev 11
page 2/157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com