Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99H92 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 50Page - STMicroelectronics L99H92 Datasheet HTML 51Page - STMicroelectronics L99H92 Datasheet HTML 52Page - STMicroelectronics L99H92 Datasheet HTML 53Page - STMicroelectronics L99H92 Datasheet HTML 54Page - STMicroelectronics L99H92 Datasheet HTML 55Page - STMicroelectronics L99H92 Datasheet HTML 56Page - STMicroelectronics L99H92 Datasheet HTML 57Page - STMicroelectronics L99H92 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
14
OUTE
Outputs enable control bit. Assuming that the FSINB pin is high, if this bit is reset, all the gate
drivers are disabled and the MOSFTEs are passively shut down through the internal
resistance connected between gate and source. Assuming that the FSINB pin is high, if this
bit is set, all the gate drivers are enabled and the MOSFETs are turned on/off according to
Table 2 or Table 3 depending on the INPMODE control bit value. Assuming the device in
active mode, when the FSINB pin goes low, the MOSFETs gate drivers are forced in sink
switch mode and the OUTE control bit is reset. While the FSINB pin is low, the OUTE control
bit value is frozen and cannot be changed via SPI.
When a watchdog fault occurs, setting the WDGF flag, the OUTE control bit is reset. While
the WDGF flag is set, the OUTE control bit value is frozen and cannot be changed via SPI.
13
AFWE
Active free-wheeling enable control bit. In case INPMODE is reset, this bit enables/disables
active free-wheeling. When set it enables the active free-wheeling. When reset it disables the
active free-wheeling. In case INPMODE is set, this bit has no effect.
12
FWS
Free-wheeling selection control bit. In case INPMODE is reset and active free-wheeling is
enabled (AFWE=1), this bit sets whether the active free-wheeling is performed on high side
(FWS=1) or on low-side (FWS=0). In case INPMODE is reset and active free-wheeling is
disabled (AFWE=0), this bit sets whether the passive free-wheeling is performed on high side
(FWS=1) or on low-side (FWS=0).In case INPMODE is set, this bit has no effect.
11
DIS1
Disable leg1,2 control bits. In case INPMODE is set, these bits switch-off both the external
MOSFETs of leg 1 (DIS1=1) and/or leg 2 (DIS2=1). In case INPMODE is reset, these bits
have no effect.
10
DIS2
9
DSMON_CONFIG
DSMonitoring configuration control bit. In case this bit is set and INPMODE is reset, any VDS
monitoring fault will actively switch off all the full-bridge MOSFETs by configuring all the gate
drivers in sink switch mode. In all the other cases INPMODE=1 or INPMODE=0 with
DSMON_CONFIG=0 just the affected/offended half-bridge MOSFETs are actively switched
off configuring the corresponding gate drivers in sink switch mode.
8
OLH1L2
Open load in off-state control bit. This bit is really taken into account only when OUTE is
reset, otherwise it is discarded (and related circuitry is disconnected from device power
outputs). See Table 4. Full-bridge monitoring in off-mode.
1. The INPMODE will be a read only or a read and write control bit depending on the value of the control bit OUTE.
2. The OUTE is a read only or a read and write control bit depending on the logic level at the input pin FSINB and on the status
flag WDGF value.
Table 49. Control register DCR (0x03) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R)
0 (R)
OLH2L1
OLTHH
CP_LOW_CONFIG
CPFDD
OVTS
RES
RES
P
Open
load in
off-state
bit
Off-state diagnostic
comparator
threshold selection
bit
Charge pump low
configuration bit
Charge
pump
frequency
dithering
disable bit
Overvoltage
threshold
selection bit
Reserved bit Reserved bit
Parity
Bit
Name
Description
7
OLH2L1
Open load in off-state control bit. This bit is really taken into account only when OUTE is reset,
otherwise it is discarded (and related circuitry is disconnected from device power outputs).
See Table 4. Full-bridge monitoring in off-modering in off-mode
6
OLTHH
Off-state diagnostic comparator threshold selection bit. The off-state diagnostic comparator
threshold is set to 1/6VDH for OLTHH reset and to 5/6VDH for OLTHH set. See Table 4. Full-
bridge monitoring in off-mode
5
CP_LOW_CONFIG
Charge pump low configuration control bit. Setting this bit, CPLOW status flag/bit behaves as
a read only status bit and the outputs are re-activated automatically upon recovery of the
charge pump output voltage.
If this bit is reset, CPLOW status flag/bit behaves as a read & clear status flag so that the
outputs are disabled until the CPLOW status flag is cleared. In this latter case, the charge
pump output voltage has to rise above VCP_low for a time longer than the corresponding
filtering time and CPLOW status flag has to be reset to re-enable device outputs.
L99H92
Control registers
DS14069 - Rev 4
page 54/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com