Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN54HC157 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN54HC157
Description  SNx4HC157 Quadruple 2-Line to 1-Line Data Selectors/Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC157 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN54HC157 Datasheet HTML 9Page - Texas Instruments SN54HC157 Datasheet HTML 10Page - Texas Instruments SN54HC157 Datasheet HTML 11Page - Texas Instruments SN54HC157 Datasheet HTML 12Page - Texas Instruments SN54HC157 Datasheet HTML 13Page - Texas Instruments SN54HC157 Datasheet HTML 14Page - Texas Instruments SN54HC157 Datasheet HTML 15Page - Texas Instruments SN54HC157 Datasheet HTML 16Page - Texas Instruments SN54HC157 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
7.2.2 Detailed Design Procedure
1. Add a decoupling capacitor from VCC to GND. The capacitor needs to be placed physically close to the
device and electrically close to both the VCC and GND pins. An example layout is shown in the Layout
section.
2. Ensure the capacitive load at the output is ≤ 50pF. This is not a hard limit; by design, however, it will optimize
performance. This can be accomplished by providing short, appropriately sized traces from the SNx4HC157
to one or more of the receiving devices.
3. Ensure the resistive load at the output is larger than (VCC / IO(max))Ω. Doing this will prevent the maximum
output current from the Absolute Maximum Ratings from being violated. Most CMOS inputs have a resistive
load measured in MΩ; much larger than the minimum calculated previously.
4. Thermal issues are rarely a concern for logic gates; the power consumption and thermal increase, however,
can be calculated using the steps provided in the application report, CMOS Power Consumption and Cpd
Calculation.
7.2.3 Application Curve
A/B
G
xY
xA
xB
Figure 7-2. Application Timing Diagram
7.3 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating listed in the
Recommended Operating Conditions.
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For the SNx4HC157, a
0.1μF bypass capacitor is recommended. To reject different frequencies of noise, use multiple bypass capacitors
in parallel. Capacitors with values of 0.1μF and 1μF are commonly used in parallel.
7.4 Layout
7.4.1 Layout Guidelines
• Bypass capacitor placement
– Place near the positive supply terminal of the device
– Provide an electrically short ground return path
– Use wide traces to minimize impedance
– Keep the device, capacitors, and traces on the same side of the board whenever possible
• Signal trace geometry
– 8mil to 12mil trace width
– Lengths less than 12cm to minimize transmission line effects
– Avoid 90° corners for signal traces
– Use an unbroken ground plane below signal traces
– Flood fill areas around signal traces with ground
– For traces longer than 12cm
• Use impedance controlled traces
• Source-terminate using a series damping resistor near the output
• Avoid branches; buffer signals that must branch separately
www.ti.com
SN54HC157, SN74HC157
SCLS113F – DECEMBER 1982 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN54HC157 SN74HC157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com