Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC02APWR.B Datasheet(PDF) 20 Page - Texas Instruments

Part # SN74LVC02APWR.B
Description  SNx4LVC02A Quadruple 2-Input Positive-NOR Gates
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC02APWR.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN74LVC02APWR.B Datasheet HTML 16Page - Texas Instruments SN74LVC02APWR.B Datasheet HTML 17Page - Texas Instruments SN74LVC02APWR.B Datasheet HTML 18Page - Texas Instruments SN74LVC02APWR.B Datasheet HTML 19Page - Texas Instruments SN74LVC02APWR.B Datasheet HTML 20Page - Texas Instruments SN74LVC02APWR.B Datasheet HTML 21Page - Texas Instruments SN74LVC02APWR.B Datasheet HTML 22Page - Texas Instruments SN74LVC02APWR.B Datasheet HTML 23Page - Texas Instruments SN74LVC02APWR.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
C
14X 0.30
0.18
14X 0.5
0.3
1 MAX
0.05
0.00
2X
2
8X 0.5
2.05 0.1
2X 1.5
A
3.65
3.35
B
3.65
3.35
(0.2) TYP
VQFN - 1 mm max height
RGY0014A
PLASTIC QUAD FLATPACK - NO LEAD
4219040/A 09/2015
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
14
13
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
6
7
8
9
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
2
SCALE 3.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com