Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC02APWR1G4 Datasheet(PDF) 21 Page - Texas Instruments

Part # SN74LVC02APWR1G4
Description  SNx4LVC02A Quadruple 2-Input Positive-NOR Gates
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC02APWR1G4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74LVC02APWR1G4 Datasheet HTML 17Page - Texas Instruments SN74LVC02APWR1G4 Datasheet HTML 18Page - Texas Instruments SN74LVC02APWR1G4 Datasheet HTML 19Page - Texas Instruments SN74LVC02APWR1G4 Datasheet HTML 20Page - Texas Instruments SN74LVC02APWR1G4 Datasheet HTML 21Page - Texas Instruments SN74LVC02APWR1G4 Datasheet HTML 22Page - Texas Instruments SN74LVC02APWR1G4 Datasheet HTML 23Page - Texas Instruments SN74LVC02APWR1G4 Datasheet HTML 24Page - Texas Instruments SN74LVC02APWR1G4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
(3.3)
(3.3)
8X (0.5)
14X (0.6)
14X (0.24)
( 2.05)
(0.775)
(0.775)
2X (1.5)
(
) VIA
TYP
0.2
(R
) TYP
0.05
VQFN - 1 mm max height
RGY0014A
PLASTIC QUAD FLATPACK - NO LEAD
4219040/A 09/2015
SYMM
1
14
SYMM
LAND PATTERN EXAMPLE
SCALE:20X
2
6
7
8
9
13
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com