Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS-D200 Datasheet(PDF) 11 Page - STMicroelectronics

Part # GS-D200
Description  2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D200 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button GS-D200 Datasheet HTML 7Page - STMicroelectronics GS-D200 Datasheet HTML 8Page - STMicroelectronics GS-D200 Datasheet HTML 9Page - STMicroelectronics GS-D200 Datasheet HTML 10Page - STMicroelectronics GS-D200 Datasheet HTML 11Page - STMicroelectronics GS-D200 Datasheet HTML 12Page - STMicroelectronics GS-D200 Datasheet HTML 13Page - STMicroelectronics GS-D200 Datasheet HTML 14Page - STMicroelectronics GS-D200 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
USER NOTES
Supply Voltage
The recommended operating maximum supply
voltage must include the ripple voltage for the Vs
rail, and a 5V
±5% for the Vss line is required.
The two supply voltages must to be correctly se-
quenced to avoid any possible erroneous position-
ing of the power stages. The correct power-up and
power-down sequences are:
Power-up
1) Vss (5V) is applied with Enable = Low
2) Vs (the motor supply voltage)
is applied
3) Enable is brougth High
Power-down 1) Enable is brougth Low
2) Vs is switched off
3) Vss is switched off.
Case Grounding
The module case is internally connected to pin 1
and 13. To obtain additional effective EMI shield,
the PCB area below the module can be used as an
effective sixth side shield.
Thermal Characteristics
The case-to-ambient thermal resistance of the GS-
D modules is 5
°C/W. This produces a 50°C tem-
perature increase of the module surface for 10W of
internal dissipation.
According to ambient temperature and/or to power
dissipation, an additional heatsink or forced venti-
lation may be required. (See derating curves).
Supply Line Impedance
The module has an internal capacitor connected
accross the supply pins (18 and 13) to assure the
circuit stability. This capacitor cannot handle high
values of current ripple, and would be permanently
damaged if the primary energy source impedance
is not adequate.
The use of a low ESR, high ripple current 470
µF
capacitor located as close to the module as possi-
ble is recommended. Suitable units are the SPRA-
GUE type 672D, the SPRAGUE 678D, the RIFA
type PEG 126 or any equivalent unit. When space
is a limitation, a 22
µF ceramic multilayer capacitor
connected across the module input pins must be
used.
Module Protections
The GS-D200 outputs are protected against occa-
sional and permanent short-circuits of the output
pin to the supply voltage. The GS-D200S outputs
are also protected against short circuits to ground
and to another output. When the current exceeds
the maximum value, the output is automatically
disabled.
The GS-D200S protection is of the latching type,
i.e. when an overload condition is detected the
unit outputs are disabled. To restart the opera-
tions it is necessary to disable the unit (pin
11=Low) or to switch off the supply voltage for at
least 100ms.
Motor Connection
The motor is normally quite far from the module and
long cables are needed for connection. The use of
a twisted pair cable with appropriate cross section
for each motor phase is recommended to minimize
DC losses and RFI problems.
Unused Inputs
All the GS-D200 and GS-D200S logic inputs have
an internal pull-up, and they are high when uncon-
nected.
Phase Current Programming
The output current of the GS-D200 is factory set to
1A while the GS-D200S has a standard 2A value.
The phase current value can be changed by con-
necting an appropriate resistor between pin 9 and
ground or Vss (see fig. 14). In the first case the
phase current will decrease, in the latter it will
increase.
The maximum phase current must be limited to 2A
for the GS-D200 and 2.5A for the GS-D200S to
avoid permanent damage to the module.
GS-D200 phase current programming:
I
>1A
Ri
=
10
− I
0.993
I − 1 = kΩ Ri ≥ 8.2kΩ
I
<1A
Rd
=
I
1
− 0.993
I = kΩ
GS-D200S phase current programming:
I
>2A
Ri
= 10 − 0.33 I
0.473
I − 1 = kΩ Ri ≥ 50 kΩ
I
<2A
Rd
=
I
3.03
− 1.43
I = kΩ
GS-D200/GS-D200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com