Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AOCQP40-005-CS Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AOCQP40-005-CS
Description  Active Optical Cable QSFP 40Gbps, 1m, MSA Compatible
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AOCQP40-005-CS Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AOCQP40-005-CS Datasheet HTML 1Page - Infinite Electronics International, Inc. AOCQP40-005-CS Datasheet HTML 2Page - Infinite Electronics International, Inc. AOCQP40-005-CS Datasheet HTML 3Page - Infinite Electronics International, Inc. AOCQP40-005-CS Datasheet HTML 4Page - Infinite Electronics International, Inc. AOCQP40-005-CS Datasheet HTML 5Page - Infinite Electronics International, Inc. AOCQP40-005-CS Datasheet HTML 6Page - Infinite Electronics International, Inc. AOCQP40-005-CS Datasheet HTML 7Page - Infinite Electronics International, Inc. AOCQP40-005-CS Datasheet HTML 8Page - Infinite Electronics International, Inc. AOCQP40-005-CS Datasheet HTML 9Page - Infinite Electronics International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
L-com, Inc. • 50 High St., West Mill, 3rd Floor, Suite #30 North Andover, MA 01845
Phone: 1-800-343-1455 • sales@L-com.com
© 2019 L-com, Inc All Right Reserved
Active Optical Cable QSFP+ 40Gbps, 1m, MSA Compatible
AOCQP40-001
Active Optical Cables Technical Data Sheet
AOCQP40-001 REV 1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and
certifications: Active Optical Cable QSFP+ 40Gbps, 1m, MSA Compatible AOCQP40-001
QSFP+ General Product Characteristics
Parameter
Value
Unit
Notes
Module Form Factor
QSFP+
Number of Lanes
4 Tx /Rx
Maximum Aggregate Data
Rate
42.0
Gb/s
Maximum Data Rate per
Lane
10.5
Gb/s
Standard Cable Lengths
3, 5, 7, 10, 50, 100
meters
Other lengths, please
contact sales
Protocols Supported
Typical applications include
Infiniband, Fiber Channel,
40G Ethernet
Electrical Interface and
Pin-out
38-pin edge connector
Pin-out as defined by the
QSFP+ MSA
Standard Optical Cable
Type
Multimode ribbon fiber
cable assembly, riser-rated
Maximum Power
Consumption per End
1.5
W
Management Interface
Serial, I2C-based, 400 kHz
maximum frequency
As defined by the QSFP+
MSA
QSFP+ Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
NOTE
Supply Voltage
Vcc1,VccTx,VccRx
3.14
3.3
3.46
V
Supply Current
Icc
450
mA
Transmitter
Differential data input swing
Vin,pp
180
1000
mV
1
Single ended input voltage tolerance
VinT
-0.3
4.0
V
Receiver
Differential data output swing
Vout,pp
300
850
mV
2
Single-ended output voltage
-0.3
4.0
V
Notes:
1. AC coupled internally. See Figure 1 for input eye mask requirements. Self-biasing 100Ω differential input.
2. AC coupled with 100Ω differential output impedance. See Figure 2 for output eye mask.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com